Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5508APAGG4 Datasheet(PDF) 99 Page - Texas Instruments

Part # TAS5508APAGG4
Description  8 Channel Digital Audio PWM Processor
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5508APAGG4 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TAS5508APAGG4 Datasheet HTML 91Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 92Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 93Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 94Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 95Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 96Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 97Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 98Page - Texas Instruments TAS5508APAGG4 Datasheet HTML 99Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 99 / 99 page
background image
MECHANICAL DATA
MTQF006A – JANUARY 1995 – REVISED DECEMBER 1996
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PAG (S-PQFP-G64)
PLASTIC QUAD FLATPACK
0,13 NOM
0,25
0,45
0,75
Seating Plane
0,05 MIN
4040282 / C 11/96
Gage Plane
33
0,17
0,27
16
48
1
7,50 TYP
49
64
SQ
9,80
1,05
0,95
11,80
12,20
1,20 MAX
10,20
SQ
17
32
0,08
0,50
M
0,08
0
°–7°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-026


Similar Part No. - TAS5508APAGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508 TI-TAS5508 Datasheet
1Mb / 101P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 84P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
240Kb / 20P
[Old version datasheet]   PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
TAS5508-5122C6EVM TI-TAS5508-5122C6EVM Datasheet
240Kb / 20P
[Old version datasheet]   PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
More results

Similar Description - TAS5508APAGG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5508B TI-TAS5508B Datasheet
1Mb / 106P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5518C TI1-TAS5518C Datasheet
1Mb / 103P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508PAGRG4 TI-TAS5508PAGRG4 Datasheet
1Mb / 105P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5028A TI-TAS5028A Datasheet
1Mb / 82P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508 TI-TAS5508 Datasheet
1Mb / 101P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518_06 Datasheet
1Mb / 103P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5028 TI-TAS5028 Datasheet
1Mb / 84P
[Old version datasheet]   8 Channel Digital Audio PWM Processor
TAS5508B TI1-TAS5508B_17 Datasheet
1Mb / 104P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5508C TI-TAS5508C Datasheet
1Mb / 107P
[Old version datasheet]   8-Channel Digital Audio PWM Processor
TAS5518 TI-TAS5518 Datasheet
1Mb / 102P
[Old version datasheet]   TAS5518 8 Channel Digital Audio PWM Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com