Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TAS5508APAGG4 Datasheet(PDF) 94 Page - Texas Instruments

Part No. TAS5508APAGG4
Description  8 Channel Digital Audio PWM Processor
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TAS5508APAGG4 Datasheet(HTML) 94 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 94 / 99 page
background image
Serial Control Interface Register Definitions
88
SLES119 − September 2004
TAS5508A
6.34 AM Mode Register (0xDE)
Bits D31–D21 are Don’t Care.
Table 6−49. AM Mode Register
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
Unused bits
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
AM mode disabled
1
AM mode enabled
0
0
Select sequence 1
0
1
Select sequence 2
1
0
Select sequence 3
1
1
Select sequence 4
0
IF frequency 455
1
IF frequency 262.5
0
Use BCD tuned frequency
1
Use binary tuned frequency
Table 6−50. AM Tuned Frequency Register in BCD Mode (Lower 2 Bytes of 0xDE)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
B0
BCD frequency (1000s kHz)
B3
B2
B1
B0
BCD frequency (100s kHz)
0
0
0
0
0
0
0
0
Default value
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
B3
B2
B1
B0
BCD frequency (10s kHz)
B3
B2
B1
B0
BCD frequency (1s kHz)
0
0
0
0
0
0
0
0
Default value
Table 6−51. AM Tuned Frequency Register in Binary Mode (Lower 2 Bytes of 0xDE)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
0
B10
B9
B8
Binary frequency (upper 3 bits)
0
0
0
0
0
0
0
0
Default value
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
B7
B6
B5
B4
B3
B2
B1
B0
Binary frequency (lower 8 bits)
0
0
0
0
0
0
0
0
Default value
6.35 PSVC Range Register (0xDF)
Bits D31–D2 are zero.
Table 6−52. PSVC Range Register
D31 – D2
D1
D0
FUNCTION
0
0
0
12.04-dB control range for PSVC
0
0
1
18.06-dB control range for PSVC
0
1
0
24.08-dB control range for PSVC
0
1
1
Ignore – retain last value


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn