Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TAS5508APAGG4 Datasheet(PDF) 90 Page - Texas Instruments

Part No. TAS5508APAGG4
Description  8 Channel Digital Audio PWM Processor
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TAS5508APAGG4 Datasheet(HTML) 90 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 90 / 99 page
background image
Serial Control Interface Register Definitions
84
SLES119 − September 2004
TAS5508A
Table 6−36. Master and Individual Volume Controls
VOLUME INDEX (H)
GAIN/INDEX
EXPECTED
ACTUAL
001
17.75
17.81
17.81
002
17.5
17.56
17.56
003
17.25
17.31
17.31
004
17
17.06
17.06
005
16.75
16.81
16.81
006
16.5
16.56
16.56
007
16.25
16.31
16.31
008
16
16.05
16.05
009
15.75
15.8
15.8
00A
15.5
15.55
15.55
00B
15.25
15.3
15.3
00C
15
15.05
15.05
00D
14.75
14.8
14.8
00E
14.5
14.55
14.55
00F
14.25
14.3
14.3
010
14
14.05
14.05
044
1
1
1
045
0.75
0.75
0.75
046
0.5
0.5
0.5
047
0.25
0.25
0.25
048
0
0
0
049
–0.25
–0.25
–0.25
04A
–0.5
–0.5
–0.5
04B
–0.75
–0.75
–0.75
04C
–1
–1
–1
240
–126
–126.43
–126.43
241
–126.25
–126.68
–126.99
242
–126.5
–126.93
–126.99
243
–126.75
–127.19
–127.59
244
–127
–127.44
–127.59
245
Mute
Mute
Mute
TO
3FF
Mute
Mute
Mute
6.30 Bass Filter Set Register (0xDA)
Bits D31–D27, D23–D19, D15–D11, and D7–D3 are Don’t Care.
Table 6−37. Channel 8 Sub Woofer
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
0
No change
0
0
0
0
0
0
0
1
Bass filter set 1
0
0
0
0
0
0
1
0
Bass filter set 2
0
0
0
0
0
1
1
1
Bass filter set 3
0
0
0
0
0
1
0
0
Bass filter set 4
0
0
0
0
0
1
0
1
Bass filter set 5
0
0
0
0
0
1
1
0
Illegal
0
0
0
0
0
1
1
1
Illegal


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn