Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TAS5508APAGG4 Datasheet(PDF) 71 Page - Texas Instruments

Part No. TAS5508APAGG4
Description  8 Channel Digital Audio PWM Processor
Download  99 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TAS5508APAGG4 Datasheet(HTML) 71 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 71 / 99 page
background image
Serial Control Interface Register Definitions
65
SLES119 − September 2004
TAS5508A
6
Serial Control Interface Register Definitions
Unless otherwise noted, the I2C register default values are in bold font.
Note that u indicates unused bits.
6.1
Clock Control Register (0x00)
Bit D1 is Don’t Care.
Table 6−1. Clock Control Register
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
32-kHz data rate
0
0
1
38-kHz data rate
0
1
0
44.1-kHz data rate
0
1
1
48-kHz data rate
1
0
0
88.2-kHz data rate
1
0
1
96-kHz data rate
1
1
0
176.4-kHz data rate
1
1
1
192-kHz data rate
0
0
0
MCLK frequency = 64
0
0
1
MCLK frequency = 128
0
1
0
MCLK frequency = 192
0
1
1
MCLK frequency = 256
1
0
0
MCLK frequency = 384
1
0
1
MCLK frequency = 512
1
1
0
MCLK frequency = 768
1
1
1
Reserved
1
Clock register is valid (read only)
0
Clock register is not valid (read only)
6.2
General Status Register 0 (0x01)
Table 6−2. General Status Register (0x01)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
Clip indicator
1
Bank switching busy
0
0
0
0
0
1
Identification code for TAS5508A
6.3
Error Status Register (0x02)
Note that the error bits are sticky bits that are not cleared by the hardware. This means that the software must
clear the register (write zeroes) and than read them to determine if there are any persistent errors.
Table 6−3. Error Status Register (0X02)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
1
PLL phase lock error
1
PLL auto lock error
1
SCLK error
1
LRCLK error
1
Frame slip
0
0
0
0
0
0
0
0
No errors


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn