Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPDP20D28ER Datasheet(PDF) 1 Page - Sensitron

Part # SPDP20D28ER
Description  Programmable DC Solid State Power Controller Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPDP20D28ER Datasheet(HTML) 1 Page - Sensitron

  SPDP20D28ER Datasheet HTML 1Page - Sensitron SPDP20D28ER Datasheet HTML 2Page - Sensitron SPDP20D28ER Datasheet HTML 3Page - Sensitron SPDP20D28ER Datasheet HTML 4Page - Sensitron SPDP20D28ER Datasheet HTML 5Page - Sensitron SPDP20D28ER Datasheet HTML 6Page - Sensitron SPDP20D28ER Datasheet HTML 7Page - Sensitron SPDP20D28ER Datasheet HTML 8Page - Sensitron SPDP20D28ER Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5023, Rev -
• 221 West Industry Court
Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com • Page 1
SPDPXXD28ER SERIES
Programmable DC Solid State Power Controller Module
Description:
These Solid State Power Controller (SSPC) Modules are designed to operate without any heatsink
requirements. They are microcontroller-based Solid State Relays rated up to 30A designed to be used in high
reliability 28V DC applications. These modules have integrated current sensing with no derating over the full
operating temperature range. These modules are the electronic equivalent to electromechanical circuit
breakers with isolated control and status. This series is supplied in 6 SSPC families, with each family being
programmable over a 5:1 current range.
SPDP05D28ER:
Programmable from 1A to 5A
SPDP10D28ER:
Programmable from 2A to 10A
SPDP15D28ER:
Programmable from 3A to 15A
SPDP20D28ER:
Programmable from 4A to 20A
SPDP25D28ER:
Programmable from 5A to 25A
SPDP30D28ER:
Programmable from 6A to 30A
Compliant Documents & Standards:
MIL-STD-1275B, Notice1
Characteristics of 28 Volt DC Electrical Systems in Military Vehicles-4/20/04
MIL-STD-704F
Aircraft Electrical Power Characteristics 12 March 2004
MIL-STD-217F, Notice 2
Reliability Prediction of Electronic Equipment 28 Feb 1995
Module Features:
• No additional heat sinking or external cooling required!
• Extremely Low Power, No Derating Over the Full Temperature Range
• Low Weight (20 gms)
• Same Pin Out as Industry Standard SSPCs in a Smaller Outline
• Epoxy Shell Construction
• Solid State Reliability
• High Power Density
Electrical Features (SPDPxxD28ER Series):
• 28VDC Input with Very Low Voltage Drop; 64mV, typ. @15A for SPDP25D28ER
• True I2t Protection up to 10X rating with Nuisance Trip Suppression
• Instant Trip Protection (50 µsec typ) for Loads Above 10X rating
• Unlimited Interrupt Capability; Repetitive Fault Handling Capability
• Thermal Memory
• Internally Generated Isolated Supply to Drive the Switch
• Low Bias Supply Current: 25 mA typ @ 5V DC
• High Control Circuit Isolation: 750V DC Control to Power Circuit
• Soft Turn-On to Reduce EMC Issues
• EMI Tolerant
• Module Reset with a Low Level Signal; Reset Circuit is Trip-Free
• TTL/CMOS Compatible, Optically Isolated, Input and Outputs
• Schmitt-Trigger Control Input for Noise Immunity


Similar Part No. - SPDP20D28ER

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDP20D28 SENSITRON-SPDP20D28 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDP20D28-1 SENSITRON-SPDP20D28-1 Datasheet
249Kb / 14P
   Programmable DC Solid State Power Controller Module
More results

Similar Description - SPDP20D28ER

ManufacturerPart #DatasheetDescription
logo
Sensitron
SPDPXXD28 SENSITRON-SPDPXXD28_09 Datasheet
206Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDPXXD28-1 SENSITRON-SPDPXXD28-1 Datasheet
249Kb / 14P
   Programmable DC Solid State Power Controller Module
SPDXXD28 SENSITRON-SPDXXD28 Datasheet
501Kb / 11P
   DC Solid State Power Controller Module
SPDP50D375-503 SENSITRON-SPDP50D375-503 Datasheet
263Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD270 SENSITRON-SPDPXXD270 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDP50D375 SENSITRON-SPDP50D375 Datasheet
253Kb / 10P
   DC Solid State Power Controller Module
SPDPXXD375 SENSITRON-SPDPXXD375_10 Datasheet
1Mb / 11P
   DC Solid State Power Controller Module
SPDPXXD28 SENSITRON-SPDPXXD28 Datasheet
505Kb / 15P
   DC Solid State Power Controller Module
SPD40D28 SENSITRON-SPD40D28 Datasheet
491Kb / 11P
   DC Solid State Power Controller Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com