Electronic Components Datasheet Search |
|
SN761633RTAR Datasheet(PDF) 6 Page - Texas Instruments |
|
SN761633RTAR Datasheet(HTML) 6 Page - Texas Instruments |
6 / 27 page www.ti.com 2 510 3 10k 60 1.5p 39 900 20 30k 33 10 9 ABSOLUTE MAXIMUM RATINGS (1) RECOMMENDED OPERATING CONDITIONS SN761633 FM STEREO RADIO WITH TRANSMITTER SLES210 – OCTOBER 2007 Figure 19. SDA Figure 20. STBY Figure 21. TEST IN Figure 22. TEST OUT Figure 23. Tx OUT Figure 24. XTAL1 and XTAL2 over recommended operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range VCCA, VCCD, VCC RF –0.3 60 V VIN Input voltage range Other pins –0.3 VCC V TA Operating free-air temperature range –20 85 °C Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. MIN NOM MAX UNIT VCC Supply voltage VCCA, VCCD, VCC RF, VCC OSC 2.5 3 4 V TA Operating free-air temperature –20 85 °C This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. 6 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): SN761633 |
Similar Part No. - SN761633RTAR |
|
Similar Description - SN761633RTAR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |