Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG403DY Datasheet(PDF) 9 Page - TEMIC Semiconductors

Part # DG403DY
Description  Low-Power, High-Speed CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG403DY Datasheet(HTML) 9 Page - TEMIC Semiconductors

Back Button DG403DY Datasheet HTML 2Page - TEMIC Semiconductors DG403DY Datasheet HTML 3Page - TEMIC Semiconductors DG403DY Datasheet HTML 4Page - TEMIC Semiconductors DG403DY Datasheet HTML 5Page - TEMIC Semiconductors DG403DY Datasheet HTML 6Page - TEMIC Semiconductors DG403DY Datasheet HTML 7Page - TEMIC Semiconductors DG403DY Datasheet HTML 8Page - TEMIC Semiconductors DG403DY Datasheet HTML 9Page - TEMIC Semiconductors DG403DY Datasheet HTML 10Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DG401/403/405
Siliconix
S-53748—Rev. E, 05-Jun-97
9
Applications
DG403
Right
Right
Left
Left
Channel
Select
Source 1
Source 2
TTL
Left
Right
–15 V
+15 V
+5 V
GND
V–
V+
S1
IN2
S3
S2
S4
D1
D3
D2
D4
VL
IN1
DG403
Integrate/
Reset
Slope
Select
TTL
+
–15 V
+15 V
+5 V
GND
V–
V+
S1
IN2
S3
S2
S4
D1
D3
D2
D4
VL
IN1
C1
C2
eout
ein
Figure 9.
Stereo Source Selector
Figure 10. Dual Slope Integrator
Stereo Source Selector:
A single logic signal controls the status of all four switches of
the
device,
simplifying
stereo
source
switching.
The low on-resistance (<35
W) minimizes total harmonic
distortion.
Dual Slope Integrators:
The DG403 is well suited to configure a selectable slope
integrator. One control signal selects the timing capacitor
C1 or C2. Another one selects ein or discharges the capacitor
in preparation for the next integration cycle.
Band-Pass Switched Capacitor Filter:
Single-pole double-throw switches are a common element
for switched capacitor networks and filters. The fast
switching times and low leakage of the DG403 allow for
higher clock rates and consequently higher filter operating
frequencies.
–15 V
+15 V
+5 V
GND
V–
V+
Clock
+
VL
eout
ein
DG403
S1
IN2
S3
S2
S4
D1
D3
D2
D4
IN1
Figure 11. Band-Pass Switched Capacitor Filter


Similar Part No. - DG403DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG403DY INTERSIL-DG403DY Datasheet
93Kb / 9P
   Monolithic CMOS Analog Switches
June 1999
logo
Maxim Integrated Produc...
DG403DY MAXIM-DG403DY Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
Intersil Corporation
DG403DY INTERSIL-DG403DY Datasheet
286Kb / 12P
   Monolithic CMOS Analog Switches
logo
Vishay Siliconix
DG403DY VISHAY-DG403DY Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG403DY VISHAY-DG403DY Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results

Similar Description - DG403DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com