Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ16A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P6SMBJ16A
Description  Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P6SMBJ16A Datasheet(HTML) 2 Page - Diotec Semiconductor

  P6SMBJ16A Datasheet HTML 1Page - Diotec Semiconductor P6SMBJ16A Datasheet HTML 2Page - Diotec Semiconductor P6SMBJ16A Datasheet HTML 3Page - Diotec Semiconductor P6SMBJ16A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
P6SMBJ5.0 ... P6SMBJ170CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage at IT = 1 mA
Abbruch-Spannung bei IT = 1 mA
*) at / bei IT = 10 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
VWM [V]
ID [µA]
VBR min [V]
VBR max [V]
VC [V]
IPPM [A]
P6SMBJ5.0
5.0
800
6.4 *)
7.8 *)
10.3
58.3
P6SMBJ5.0A
5.0
800
6.4 *)
7.0 *)
9.2
65.2
P6SMBJ6.5
6.5
500
7.2 *)
8.8 *)
12.3
48.8
P6SMBJ6.5A
6.5
500
7.2 *)
8.0 *)
11.2
53.6
P6SMBJ7.0
7.0
200
7.8 *)
9.5 *)
13.3
45.1
P6SMBJ7.0A
7.0
200
7.8 *)
8.7 *)
12.0
50.0
P6SMBJ7.5
7.5
100
8.3
10.1
14.3
42.0
P6SMBJ7.5A
7.5
100
8.3
9.2
12.9
46.5
P6SMBJ8.0
8.0
50
8.9
10.9
15.0
40.0
P6SMBJ8.0A
8.0
50
8.9
9.9
13.6
44.1
P6SMBJ8.5
8.5
10
9.4
11.5
15.9
37.7
P6SMBJ8.5A
8.5
10
9.4
10.4
14.4
41.7
P6SMBJ9.0
9.0
5
10.0
12.2
16.9
35.5
P6SMBJ9.0A
9.0
5
10.0
11.1
15.4
39.0
P6SMBJ10
10
5
11.1
13.5
18.8
31.9
P6SMBJ10A
10
5
11.1
12.3
17.0
35.3
P6SMBJ11
11
5
12.2
14.9
20.1
29.9
P6SMBJ11A
11
5
12.2
13.5
18.2
33.0
P6SMBJ12
12
5
13.3
16.2
22.0
27.3
P6SMBJ12A
12
5
13.3
14.8
19.9
30.2
P6SMBJ13
13
5
14.4
17.6
23.8
25.2
P6SMBJ13A
13
5
14.4
16.0
21.5
27.9
P6SMBJ14
14
5
15.6
19.0
25.8
23.3
P6SMBJ14A
14
5
15.6
17.3
23.2
25.9
P6SMBJ15
15
5
16.7
20.4
26.9
22.3
P6SMBJ15A
15
5
16.7
18.6
24.4
24.6
P6SMBJ16
16
5
17.8
21.7
28.8
20.8
P6SMBJ16A
16
5
17.8
19.8
26.0
23.1
P6SMBJ17
17
5
18.9
23.1
30.5
19.7
P6SMBJ17A
17
5
18.9
21.0
27.6
21.7
P6SMBJ18
18
5
20.0
24.4
32.2
18.6
P6SMBJ18A
18
5
20.0
22.2
29.2
20.5
P6SMBJ20
20
5
22.2
27.1
35.8
16.8
P6SMBJ20A
20
5
22.2
24.6
32.4
18.5
P6SMBJ22
22
5
24.4
29.8
39.4
15.2
P6SMBJ22A
22
5
24.4
27.1
35.5
16.9
P6SMBJ24
24
5
26.7
32.6
43.0
14.0
P6SMBJ24A
24
5
26.7
29.6
38.9
15.4
P6SMBJ26
26
5
28.9
35.3
46.6
12.9
P6SMBJ26A
26
5
28.9
32.1
42.1
14.3
P6SMBJ28
28
5
31.1
37.9
50.0
12.0
P6SMBJ28A
28
5
31.1
34.5
45.4
13.2
P6SMBJ30
30
5
33.3
40.1
53.5
11.2
P6SMBJ30A
30
5
33.3
36.9
48.4
12.4
P6SMBJ33
33
5
36.7
44.8
59.0
10.2
P6SMBJ33A
33
5
36.7
40.7
53.3
11.3
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - P6SMBJ16A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ16A PANJIT-P6SMBJ16A Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ16A CHENG-YI-P6SMBJ16A Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ16A SURGE-P6SMBJ16A Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Frontier Electronics.
P6SMBJ16A FRONTIER-P6SMBJ16A Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ16A TRSYS-P6SMBJ16A Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ16A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMCJ5.0 DIOTEC-1.5SMCJ5.0 Datasheet
85Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL3468 DIOTEC-TGL3468 Datasheet
169Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ65 DIOTEC-P4SMAJ65 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
1.5SMC220 DIOTEC-1.5SMC220 Datasheet
77Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMAJ5.0 DIOTEC-P4SMAJ5.0 Datasheet
86Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220 Datasheet
78Kb / 2P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P6SMBJ5.0 DIOTEC-P6SMBJ5.0_11 Datasheet
145Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL41-6.8 DIOTEC-TGL41-6.8_07 Datasheet
135Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
TGL34-6.8 DIOTEC-TGL34-6.8_07 Datasheet
124Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com