Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YSS944 Datasheet(PDF) 5 Page - YAMAHA CORPORATION

Part # YSS944
Description  ADAMB Advanced Digital Audio Multi channel decode processor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS944 Datasheet(HTML) 5 Page - YAMAHA CORPORATION

  YSS944 Datasheet HTML 1Page - YAMAHA CORPORATION YSS944 Datasheet HTML 2Page - YAMAHA CORPORATION YSS944 Datasheet HTML 3Page - YAMAHA CORPORATION YSS944 Datasheet HTML 4Page - YAMAHA CORPORATION YSS944 Datasheet HTML 5Page - YAMAHA CORPORATION YSS944 Datasheet HTML 6Page - YAMAHA CORPORATION YSS944 Datasheet HTML 7Page - YAMAHA CORPORATION YSS944 Datasheet HTML 8Page - YAMAHA CORPORATION YSS944 Datasheet HTML 9Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
YSS944/943/940
5
Pin Functions
Type
Pin
No.
Pin Name
I/O
Note 1)
Function
9
33
45
60
85
100
121
136
VDD1
-
Power supply pins for pin block (Typ. 3.3 V).
5
6
15
22
23
36
50
51
63
64
70
71
79
80
88
89
95
107
108
119
120
127
128
137
138
VDD2
-
Power supply pins for core block (Typ. 1.2 V).
142
AVDDR
-
Power supply pin 1 for PLL analog block (Typ. 3.3 V).
Be sure to insert a 0.1
µF capacitor between the AVDDR and AVSSR
pins.
143
AHVDD
-
Power supply pin 2 for PLL analog block (Typ. 3.3 V).
Be sure to insert a 0.1
µF capacitor between the AHVDD and AHVSS
pins.
144
AHVDDG
-
Power supply pin 3 for PLL analog block (Typ. 3.3 V).
Be sure to insert a 0.1
µF capacitor between the AHVDDG and
AHVSSG pins.
4
DVDD
-
Power supply pin for PLL digital block (Typ. 1.2 V).
Be sure to insert a 0.1
µF capacitor between the DVDD and DVSS
pins.
7
8
14
20
21
35
41
42
48
Power supply
49
VSS
-
Ground pins


Similar Part No. - YSS944

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
   SD Stereo dipole
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
   Karaoke Processor 2 for Video disc player
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
More results

Similar Description - YSS944

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9446FG TOSHIBA-TC9446FG Datasheet
563Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
TC9446F TOSHIBA-TC9446F Datasheet
558Kb / 41P
   Audio Digital Processor for Decode of Dolby Digital (AC-3), MPEG2 Audio
logo
STMicroelectronics
STA309A STMICROELECTRONICS-STA309A_07 Datasheet
663Kb / 67P
   Multi-channel digital audio processor with DDX
STA309A13TR STMICROELECTRONICS-STA309A13TR Datasheet
598Kb / 67P
   Multi-channel digital audio processor with DDX
STA308A STMICROELECTRONICS-STA308A_07 Datasheet
598Kb / 63P
   Multi-channel digital audio processor with DDX TM
STA309A STMICROELECTRONICS-STA309A_V01 Datasheet
639Kb / 71P
   Multi-channel digital audio processor with DDX®
Rev 6 April 2022
logo
ams AG
AS3524 AMSCO-AS3524 Datasheet
2Mb / 124P
   Advanced Audio Processor System
AS3525 AMSCO-AS3525 Datasheet
3Mb / 194P
   Advanced Audio Processor System
AS3527 AMSCO-AS3527 Datasheet
3Mb / 2P
   Advanced Audio Processor System
logo
Texas Instruments
TAS3001C TI-TAS3001C Datasheet
417Kb / 56P
[Old version datasheet]   DIGITAL AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com