Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YGV629 Datasheet(PDF) 22 Page - YAMAHA CORPORATION

Part # YGV629
Description  VC1 Video Controller 1
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YGV629 Datasheet(HTML) 22 Page - YAMAHA CORPORATION

Back Button YGV629 Datasheet HTML 18Page - YAMAHA CORPORATION YGV629 Datasheet HTML 19Page - YAMAHA CORPORATION YGV629 Datasheet HTML 20Page - YAMAHA CORPORATION YGV629 Datasheet HTML 21Page - YAMAHA CORPORATION YGV629 Datasheet HTML 22Page - YAMAHA CORPORATION YGV629 Datasheet HTML 23Page - YAMAHA CORPORATION YGV629 Datasheet HTML 24Page - YAMAHA CORPORATION YGV629 Datasheet HTML 25Page - YAMAHA CORPORATION YGV629 Datasheet HTML 26Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
YGV629
-22-
4GV629A50
RAHZ_N
MA[24:0], MD[15:0], MCE_N,
MOE_N,MWE_N
RAHZ_N
12
12
The AC characteristics of the external memory, which connects to the VC1 must meet the following
conditions. (The following conditions are the value, which are converted from the AC characteristics, and does
not guarantee the following specification directly. And, the following name of the items is for the external
memory connected. And, the following item names are mainly for the external memory connected.)
F in the following formula means the number of the Floating Clock that is set by R#23:FLTIM[1:0], and R
means the number of the Random Access Clock that is set by R#24:RDM[3:0], and P means the number of the
Page Mode Access Clock that is set by R#24:PAG[2:0]. Therefore, if a condition does not meet the following
condition, set so that the register meets the following conditions.
No.
Items
Conditions
13
Address, Access Time
It should be (F + R) * tSYCLK – tdMA(max) – tsMD(max) or lower.
14
Output Enable Time
It should be R * tSYCLK – tdOE(max) – tsMD(max) or lower.
15
Page Mode Access Time
It should be P * tSYCLK – tdMA(max) – tsMD(max) or lower.
16
Data Turn On Time
It should be 0[ns] or over
17
Data Turn Off Time
It should be F * tSYCLK - tdOE(max) + tdWE(min) or lower.
18
Data Setup Time
It should be R * tSYCLK - tdMD(max) + tdWE(min) or lower.
MA24-n
MA(n-1)-0
MOE_N
MWE_N
MD15-0
13
17
16
8
15
7
8
9
14
10
18


Similar Part No. - YGV629

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV627 YAMAHA-YGV627 Datasheet
318Kb / 16P
   AVDP3E - Advanced Video Display processor 3 Enhanced
YGV628B YAMAHA-YGV628B Datasheet
630Kb / 26P
   AVDP7 Advanced Video Display Processor 7
More results

Similar Description - YGV629

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV639 YAMAHA-YGV639 Datasheet
1Mb / 34P
   Video Controller 1 with Enhanced Functions
logo
List of Unclassifed Man...
TMS9927 ETC-TMS9927 Datasheet
363Kb / 5P
   VIDEO TIMER / CONTROLLER
logo
Intel Corporation
82731 INTEL-82731 Datasheet
1Mb / 19P
   VIDEO INTERFACE CONTROLLER
logo
Siemens Semiconductor G...
SDA545X SIEMENS-SDA545X Datasheet
91Kb / 2P
   Video Text Controller
logo
List of Unclassifed Man...
T108 ETC2-T108 Datasheet
1Mb / 89P
   Video Display Controller
logo
Winbond
W9970CF WINBOND-W9970CF Datasheet
219Kb / 6P
   VIDEO GRAPHICS CONTROLLER
logo
List of Unclassifed Man...
SE401 ETC-SE401 Datasheet
146Kb / 2P
   USB Video Image Controller
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
logo
List of Unclassifed Man...
TP6800 ETC1-TP6800 Datasheet
475Kb / 33P
   DIGITAL VIDEO CAMERA CONTROLLER
CRT8002 ETC-CRT8002 Datasheet
1Mb / 14P
   CRT VIDEO DISPLAY ATTRIBUTES CONTROLLER VIDEO GENERATOR VDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com