Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YGV629 Datasheet(PDF) 6 Page - YAMAHA CORPORATION

Part # YGV629
Description  VC1 Video Controller 1
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YGV629 Datasheet(HTML) 6 Page - YAMAHA CORPORATION

Back Button YGV629 Datasheet HTML 2Page - YAMAHA CORPORATION YGV629 Datasheet HTML 3Page - YAMAHA CORPORATION YGV629 Datasheet HTML 4Page - YAMAHA CORPORATION YGV629 Datasheet HTML 5Page - YAMAHA CORPORATION YGV629 Datasheet HTML 6Page - YAMAHA CORPORATION YGV629 Datasheet HTML 7Page - YAMAHA CORPORATION YGV629 Datasheet HTML 8Page - YAMAHA CORPORATION YGV629 Datasheet HTML 9Page - YAMAHA CORPORATION YGV629 Datasheet HTML 10Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
YGV629
-6-
4GV629A50
Pin Name
No. I/O
Function
Level
5Tr
Drive
Power Supply
VDD
11
-
Digital Power Supply
VSS
14
-
Digital VSS
PLLVDD
1
-
Power Supply for PLL
PLLVSS
1
-
VSS for PLL
AVDD
1
-
Power Supply for DAC
AVSS
1
-
VSS for DAC
LSI Test Pin
XTEST2-0
3
I
Test Pin
LVCMOS
Others
NC
4
-
No connection Pin. Connect nothing.
Od: open drain output, OT: 3-state output, 5Tr: 5V Tolerant, Drive: driving capability
Note) VC1 has no built-in pull up resistors. Pull up the pins externally as necessary.
The tolerant attribute is an attribute of the input buffer, output buffer that can become the
high-impedance state, and bi-directional buffer, and indicates it can endure the 5V signal.


Similar Part No. - YGV629

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV627 YAMAHA-YGV627 Datasheet
318Kb / 16P
   AVDP3E - Advanced Video Display processor 3 Enhanced
YGV628B YAMAHA-YGV628B Datasheet
630Kb / 26P
   AVDP7 Advanced Video Display Processor 7
More results

Similar Description - YGV629

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV639 YAMAHA-YGV639 Datasheet
1Mb / 34P
   Video Controller 1 with Enhanced Functions
logo
List of Unclassifed Man...
TMS9927 ETC-TMS9927 Datasheet
363Kb / 5P
   VIDEO TIMER / CONTROLLER
logo
Intel Corporation
82731 INTEL-82731 Datasheet
1Mb / 19P
   VIDEO INTERFACE CONTROLLER
logo
Siemens Semiconductor G...
SDA545X SIEMENS-SDA545X Datasheet
91Kb / 2P
   Video Text Controller
logo
List of Unclassifed Man...
T108 ETC2-T108 Datasheet
1Mb / 89P
   Video Display Controller
logo
Winbond
W9970CF WINBOND-W9970CF Datasheet
219Kb / 6P
   VIDEO GRAPHICS CONTROLLER
logo
List of Unclassifed Man...
SE401 ETC-SE401 Datasheet
146Kb / 2P
   USB Video Image Controller
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
logo
List of Unclassifed Man...
TP6800 ETC1-TP6800 Datasheet
475Kb / 33P
   DIGITAL VIDEO CAMERA CONTROLLER
CRT8002 ETC-CRT8002 Datasheet
1Mb / 14P
   CRT VIDEO DISPLAY ATTRIBUTES CONTROLLER VIDEO GENERATOR VDAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com