Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YGV628B Datasheet(PDF) 23 Page - YAMAHA CORPORATION

Part # YGV628B
Description  AVDP7 Advanced Video Display Processor 7
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YGV628B Datasheet(HTML) 23 Page - YAMAHA CORPORATION

Back Button YGV628B Datasheet HTML 18Page - YAMAHA CORPORATION YGV628B Datasheet HTML 19Page - YAMAHA CORPORATION YGV628B Datasheet HTML 20Page - YAMAHA CORPORATION YGV628B Datasheet HTML 21Page - YAMAHA CORPORATION YGV628B Datasheet HTML 22Page - YAMAHA CORPORATION YGV628B Datasheet HTML 23Page - YAMAHA CORPORATION YGV628B Datasheet HTML 24Page - YAMAHA CORPORATION YGV628B Datasheet HTML 25Page - YAMAHA CORPORATION YGV628B Datasheet HTML 26Page - YAMAHA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
YGV628B
-23-
● Analog Characteristics
In AVDP7, R, G, and B pin is an output pin for an Analog signal.
RGB Pin Output Characteristics
Item
Condition
Min
Type
Max
Unit
Resolution
8
bit
Settling Time
20
ns
Output Propagation Delay Time
-5
3
ns
Output Voltage Amplitude (Vp-p)
0.7
V
Max Output Voltage (VWHITE)
0.7
V
Min Output Voltage (VBLACK)
0
V
Vp-p Deviation of R, G, B
RL = 37.5
CL = 30 pF
IREF = -9.38mA
Additional capacity of GCK1OUT
= 20pF
3
%
Settling time is defined as the interval between the point at which DAC output level comes up to 50% and the point
at which the output level reaches and stays within ±1 LSB centered on the resulting output level.
Output Propagation Delay Time is defined as the interval between the rising edge of GCK1OUT and the point at
which DAC output level comes up to 50%.
GCK1OUT
R
G
B
Settling Time
Output propagation
delay time
±
1 LSB
±
1 LSB
50 %
Measurement Circuit
R,G,B
RL
CL


Similar Part No. - YGV628B

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YGV627 YAMAHA-YGV627 Datasheet
318Kb / 16P
   AVDP3E - Advanced Video Display processor 3 Enhanced
YGV629 YAMAHA-YGV629 Datasheet
886Kb / 26P
   VC1 Video Controller 1
More results

Similar Description - YGV628B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YGV617B ETC-YGV617B Datasheet
586Kb / 7P
   ADVANCED VIDEO DISPLAY PROCESSOR
YGV606B ETC-YGV606B Datasheet
982Kb / 12P
   ADVANCED VIDEO DISPLAY PROCESSOR
logo
LSI Computer Systems
YGV619 LSI-YGV619 Datasheet
337Kb / 15P
   Advanced Video Display Processor 6
logo
YAMAHA CORPORATION
YGV627 YAMAHA-YGV627 Datasheet
318Kb / 16P
   AVDP3E - Advanced Video Display processor 3 Enhanced
logo
Silicon image
SII8200 SILICONIMAGE-SII8200 Datasheet
242Kb / 2P
   Advanced Video Processor
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
   Video Display Processor
logo
List of Unclassifed Man...
YGV618 ETC-YGV618 Datasheet
769Kb / 12P
   ADVANVED VIDEO DISPLAY PROCESSOR 5
logo
Analog Devices
ADV7186 AD-ADV7186 Datasheet
70Kb / 2P
   Video Decoder and Display Processor
Rev. SpB
logo
List of Unclassifed Man...
SCN2674 ETC1-SCN2674 Datasheet
1Mb / 32P
   Advanced Video Display Controller (AVDC)
logo
Motorola, Inc
MC2674 MOTOROLA-MC2674 Datasheet
1Mb / 33P
   ADVANCED VIDEO DISPLAY CONTROLLER ( AVDC )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com