Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

YDA142 Datasheet(PDF) 5 Page - YAMAHA CORPORATION

Part No. YDA142
Description  D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YAMAHA [YAMAHA CORPORATION]
Homepage  http://www.yamaha.com
Logo 

YDA142 Datasheet(HTML) 5 Page - YAMAHA CORPORATION

 
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
YDA142
5
Description of operating functions
Serial Audio Interface
Sampling Frequency (Fs) Selection
Input an audio signal using SCLK, LRCLK, and SDIN terminals. YDA142 supports three sampling frequencies (Fs):
32kHz, 44.1kHz, and 48kHz. Set the FSSEL terminal as follows in accordance with a Fs of a signal to use. At this time, use
a frequency of 64Fs as a SCLK signal.
FSSEL terminal setting
FSSEL
Sampling Frequency (Fs)
L
44.1kHz, 48kHz
H
32kHz
Bit Number Selection
YDA142 supports two bit widths: 16-bit and 18-bit. Set the BITSEL terminal as follows in accordance with a bit width to
use.
BITSEL terminal setting
BITSEL
Input Bit Number
L
16 bits
H
18 bits
Format Selection
YDA142 can select one out of three interface formats: Right-justified MSB first format, Left-justified MSB first format, and
Left-justified (1bit delay) MSB first format. Set the MODE[1:0] as follows in accordance with a digital audio signal format
to use. Fig.1 to Fig.3 shows the details of each format.
MODE[1:0] terminal setting
MODE1
MODE0
Input Signal Format
L
L
Right-justified MSB first
L
H
Left-justified MSB first
H
L
Left-justified (1bit delay) MSB first
H
H
Reserved
Right-justified MSB first
Fig.1 Right-justified MSB First Format


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn