Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1000S Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # P1000S
Description  Silicon-Rectifiers -Silizium-Gleichrichter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P1000S Datasheet(HTML) 1 Page - Diotec Semiconductor

  P1000S Datasheet HTML 1Page - Diotec Semiconductor P1000S Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
P1000A ... P1000S
P1000A ... P1000S
Silicon-Rectifiers – Silizium-Gleichrichter
Version 2006-01-25
Dimensions - Maße [mm]
Nominal current
Nennstrom
10 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1200 V
Plastic case
Kunststoffgehäuse
Ø 8 x 7.5 [mm]
P600 Style
Weight approx.
Gewicht ca.
1.3 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
P1000A
50
50
P1000B
100
100
P1000D
200
200
P1000G
400
400
P1000J
600
600
P1000K
800
800
P1000M
1000
1000
P1000S
1200
1200
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
10 A 1)
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
80 A 1)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
400/450 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
800 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
1
http://www.diotec.com/
© Diotec Semiconductor AG
Type
Ø
±0.05
1.2
Ø
±0.1
8


Similar Part No. - P1000S

ManufacturerPart #DatasheetDescription
logo
Semikron International
P1000S SEMIKRON-P1000S Datasheet
143Kb / 2P
   Standard silicon rectifier diodes
P1000S SEMIKRON-P1000S Datasheet
354Kb / 2P
   Standard silicon rectifier diodes
P1000S SEMIKRON-P1000S Datasheet
352Kb / 2P
   Standard silicon rectifier diodes
P1000S SEMIKRON-P1000S Datasheet
571Kb / 2P
   Standard silicon rectifier diodes
logo
Diotec Semiconductor
P1000S DIOTEC-P1000S Datasheet
139Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - P1000S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY206 DIOTEC-BY206 Datasheet
131Kb / 2P
   Fast Silicon Rectifiers / Schnelle Silizium Gleichrichter
PT800A DIOTEC-PT800A Datasheet
112Kb / 2P
   Silicon Rectifiers - Single Diode Silizium-Gleichrichter - Einzeldiode
PCT1600A DIOTEC-PCT1600A Datasheet
118Kb / 2P
   Silicon Rectifiers - Common Cathode Silizium-Gleichrichter - Gemeinsame Kathode
B40D2A DIOTEC-B40D2A Datasheet
115Kb / 2P
   Silicon-Bridge-Rectifiers Silizium-Bruckengleichrichter
D-BYW36 DIOTEC-D-BYW36 Datasheet
76Kb / 2P
   Fast Silicon Rectifiers Schnelle Si-Gleichrichter
BY251 DIOTEC-BY251_07 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
1N5400 DIOTEC-1N5400_07 Datasheet
61Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BYW27-50 DIOTEC-BYW27-50_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
1N5400K DIOTEC-1N5400K_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
BY133 DIOTEC-BY133_07 Datasheet
100Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com