Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6221-SGTD-G Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT6221-SGTD-G
Description  300mA CMOS Dual LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6221-SGTD-G Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT6221-SGTD-G Datasheet HTML 3Page - Catalyst Semiconductor CAT6221-SGTD-G Datasheet HTML 4Page - Catalyst Semiconductor CAT6221-SGTD-G Datasheet HTML 5Page - Catalyst Semiconductor CAT6221-SGTD-G Datasheet HTML 6Page - Catalyst Semiconductor CAT6221-SGTD-G Datasheet HTML 7Page - Catalyst Semiconductor CAT6221-SGTD-G Datasheet HTML 8Page - Catalyst Semiconductor CAT6221-SGTD-G Datasheet HTML 9Page - Catalyst Semiconductor CAT6221-SGTD-G Datasheet HTML 10Page - Catalyst Semiconductor CAT6221-SGTD-G Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
CAT6221
Doc. No. MD-10001 Rev. A
10
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION (1)(2)(3)(5)
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu pre-plated (PPF) lead frames.
(3) The device used in the above example is a CAT6221-MGTD-GT3 (VOUT1 = 2.8V, VOUT2 = 1.8V, in a TSOT-23 package, NiPdAu, Tape
and Reel).
(4) For other voltage combinations, please contact your nearest Catalyst Semiconductor Sales office.
(5) Top marking for CAT6221 is T3YM (Y = Year, M = Month).
Part Number
VOUT Voltage
Combination
(4)
Package
Quantity per Reel
CAT6221-JFTD-G
2.5V / 1.5V
TSOT-23
3000
CAT6221-JGTD-G
2.5V / 1.8V
TSOT-23
3000
CAT6221-JLTD-G
2.5V / 2.7V
TSOT-23
3000
CAT6221-JPTD-G
2.5V / 3.0V
TSOT-23
3000
CAT6221-MFTD-G
2.8V / 1.5V
TSOT-23
3000
CAT6221-MGTD-G
2.8V / 1.8V
TSOT-23
3000
CAT6221-MLTD-G
2.8V / 2.7V
TSOT-23
3000
CAT6221-MPTD-G
2.8V / 3.0V
TSOT-23
3000
CAT6221-PFTD-G
3.0V / 1.5V
TSOT-23
3000
CAT6221-PGTD-G
3.0V / 1.8V
TSOT-23
3000
CAT6221-PLTD-G
3.0V / 2.7V
TSOT-23
3000
CAT6221-PPTD-G
3.0V / 3.0V
TSOT-23
3000
CAT6221-SFTD-G
3.3V / 1.5V
TSOT-23
3000
CAT6221-SGTD-G
3.3V / 1.8V
TSOT-23
3000
CAT6221-SLTD-G
3.3V / 2.7V
TSOT-23
3000
CAT6221-SPTD-G
3.3V / 3.0V
TSOT-23
3000
Prefix Device #
Suffix
CAT
6221
-MG
TD
-G
T3
Product Number
6221
VOUT Voltage
(4)
See table below
for Voltage
Combinations
Company ID
Package
TD: TSOT-23
Lead Finish
G: NiPdAu
Tape & Reel
T: Tape & Reel
3: 3000 Units/Reel


Similar Part No. - CAT6221-SGTD-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6221-SGTD-GT3 ONSEMI-CAT6221-SGTD-GT3 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
More results

Similar Description - CAT6221-SGTD-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com