Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75HVD08 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN75HVD08
Description  WIDE SUPPLY RANGE RS-485 TRANSCEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75HVD08 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75HVD08 Datasheet HTML 2Page - Texas Instruments SN75HVD08 Datasheet HTML 3Page - Texas Instruments SN75HVD08 Datasheet HTML 4Page - Texas Instruments SN75HVD08 Datasheet HTML 5Page - Texas Instruments SN75HVD08 Datasheet HTML 6Page - Texas Instruments SN75HVD08 Datasheet HTML 7Page - Texas Instruments SN75HVD08 Datasheet HTML 8Page - Texas Instruments SN75HVD08 Datasheet HTML 9Page - Texas Instruments SN75HVD08 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
www.ti.com
Input
Generator
50
Generator: PRR = 500 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
VO
1.5 V
0 V
1.5 V
1.5 V
3 V
VOH
VOL
1.5 V
10%
1.5 V
tPLH
tPHL
tr
tf
90%
VI
VO
CL = 15 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
A
B
RE
VI
R
0 V
90%
10%
50
Generator: PRR = 500 kHz, 50% Duty Cycle, tr <6 ns, tf <6 ns, Zo = 50 Ω
VO
RE
R
A
B
3 V
0 V or 3 V
VCC
1.5 V
1.5 V
tPZH
tPHZ
1.5 V
VOH –0.5 V
3 V
0 V
VOH
≈ 0 V
VO
CL = 15 pF ±20%
CL Includes Fixture
and Instrumentation
Capacitance
VI
DE
D
1 k
Ω ± 1%
VI
A
B
S1
D at 3 V
S1 to B
tPZL
tPLZ
1.5 V
VOL +0.5 V
≈ VCC
VOL
VO
D at 0 V
S1 to A
Input
Generator
SN75HVD08, SN65HVD08
SLLS550C – NOVEMBER 2002 – REVISED JULY 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 6. Receiver Switching Test Circuit and Voltage Waveforms
Figure 7. Receiver Enable and Disable Time Test Circuit and Voltage Waveforms With Drivers Enabled
6
Submit Documentation Feedback


Similar Part No. - SN75HVD08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD08 TI-SN75HVD08 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08D TI-SN75HVD08D Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08D TI-SN75HVD08D Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08DG4 TI-SN75HVD08DG4 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
More results

Similar Description - SN75HVD08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD08 TI-SN75HVD08_08 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
   WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
   Wide Supply TIA-485/TIA-422 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com