Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-B3GB024Z-B10 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # FTR-B3GB024Z-B10
Description  MINIATURE RELAY 2-CONTA CT 1A (FOR SWITCHING SIGNALS)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-B3GB024Z-B10 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  FTR-B3GB024Z-B10 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-B3GB024Z-B10 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Ftr-B3 series
L
E
D
O
M
li
o
c
d
e
t
a
R
e
g
a
tl
o
v
e
c
n
a
t
s
i
s
e
r
li
o
C
)
%
0
1
±
(
g
n
it
a
r
e
p
O
e
g
a
tl
o
v
e
s
a
e
l
e
R
*
e
g
a
tl
o
v
r
e
w
o
p
d
e
t
a
R
n
o
it
p
m
u
s
n
o
c
Z
5
.
1
A
)
(
3
B
-
R
T
F
C
D
V
5
.
1
1
.
6
1
V
3
1
.
1
+
V
5
1
.
0
+
W
m
0
4
1
Z
3
0
0
A
)
(
3
B
-
R
T
F
C
D
V
3
3
.
4
6
V
5
2
.
2
+
V
3
.
0
+
W
m
0
4
1
Z
5
.
4
A
)
(
3
B
-
R
T
F
C
D
V
5
.
4
5
4
1
V
8
3
.
3
+
V
5
4
.
0
+
W
m
0
4
1
Z
2
1
0
A
)
(
3
B
-
R
T
F
C
D
V
2
1
8
2
0
,
1
V
0
.
9
+
V
2
.
1
+
W
m
0
4
1
Z
4
2
0
A
)
(
3
B
-
R
T
F
C
D
V
4
2
4
0
5
,
2
V
0
.
8
1
+
V
4
.
2
+
W
m
0
3
2
n
COIL Data CHart
Standard type
Latching type (1 coil)
* Pulse driven
Note: All values in the table are measured at 20˚C.
* Pulse driven
Note: All values in the table are measured at 20˚C.
n
saFetY staNDarD aND FILe NuMBers
UL508, 1950 (File No. E63615)
C22.2 No. 14, No. 950 (File No. LR40304)
Please request when the approval markings are required on the cover.
Nominal voltage
Contact rating
0.5 A
125 VAC
1.5 to 12 VDC
1 A
30 VDC
resistive
0.3 A
110 VDC
li
o
c
d
e
t
a
R
e
g
a
tl
o
v
e
c
n
a
t
s
i
s
e
r
li
o
C
)
%
0
1
±
(
t
e
S
e
g
a
tl
o
v
e
s
a
e
l
e
R
*
e
g
a
tl
o
v
r
e
w
o
p
d
e
t
a
R
n
o
it
p
m
u
s
n
o
c
Z
5
.
1
B
)
(
3
B
-
R
T
F
C
D
V
5
.
1
5
.
2
2
V
3
1
.
1
+
V
3
1
.
1
-
W
m
0
0
1
Z
3
0
0
B
)
(
3
B
-
R
T
F
C
D
V
3
0
9 Ω
V
5
2
.
2
+
V
5
2
.
2
-
W
m
0
0
1
Z
5
.
4
B
)
(
3
B
-
R
T
F
C
D
V
5
.
4
3
0
2
V
8
3
.
3
+
V
8
3
.
3
-
W
m
0
0
1
Z
2
1
0
B
)
(
3
B
-
R
T
F
C
D
V
2
1
0
4
4
,
1
V
0
.
9
+
V
0
.
9
-
W
m
0
0
1
Z
4
2
0
B
)
(
3
B
-
R
T
F
C
D
V
4
2
0
0
8
,
4
V
0
.
8
1
+
V
0
.
8
1
-
W
m
0
2
1


Similar Part No. - FTR-B3GB024Z-B10

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-B3GB024Z-RF FUJITSU-FTR-B3GB024Z-RF Datasheet
294Kb / 7P
   ULTRA MINIATURE Flat High-Frequency Relay Surface mount, 1GHz-Band, 2 Form C
More results

Similar Description - FTR-B3GB024Z-B10

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
A-24W-K LITEON-A-24W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
Fujitsu Component Limit...
RY-12WF-K FUJITSU-RY-12WF-K Datasheet
375Kb / 9P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
FBR244 FUJITSU-FBR244 Datasheet
52Kb / 5P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
AS-1.5W-K FUJITSU-AS-1.5W-K Datasheet
128Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
BA-1.5W-K FUJITSU-BA-1.5W-K Datasheet
126Kb / 6P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
NAL-D12W-K FUJITSU-NAL-D12W-K Datasheet
450Kb / 9P
   MINIATURE RELAY 2 POLES- 1 to 2 A (FOR SIGNAL SWITCHING)
RAL-D12W-K FUJITSU-RAL-D12W-K Datasheet
489Kb / 8P
   MINIATURE RELAY 2 POLES - 1 to 2 A (FOR SIGNAL SWITCHING)
FBR46 FUJITSU-FBR46_09 Datasheet
549Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
RY-12WZ-K LITEON-RY-12WZ-K Datasheet
428Kb / 9P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING) RY SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com