Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6221 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT6221
Description  300mA CMOS Dual LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT6221 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT6221 Datasheet HTML 3Page - Catalyst Semiconductor CAT6221 Datasheet HTML 4Page - Catalyst Semiconductor CAT6221 Datasheet HTML 5Page - Catalyst Semiconductor CAT6221 Datasheet HTML 6Page - Catalyst Semiconductor CAT6221 Datasheet HTML 7Page - Catalyst Semiconductor CAT6221 Datasheet HTML 8Page - Catalyst Semiconductor CAT6221 Datasheet HTML 9Page - Catalyst Semiconductor CAT6221 Datasheet HTML 10Page - Catalyst Semiconductor CAT6221 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CAT6221
Doc. No. MD-10001 Rev. A
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TRANSIENT CHARACTERISTICS (shown for 2.8V/1.8V outputs option)
VIN = 3.8V, IOUT = 100µA, EN1 = EN2 = VIN, CIN = COUT = 1µF, TA = 25°C unless otherwise specified.
Note: All transient characteristics are generated using the evaluation board CAT6221EVAL1.
VOUT1 Load Transient Response (0.1 to 300mA)
VOUT2 Load Transient Response (0.1 to 300mA)
Line Transient Response (0.1mA Loads)
Line Transient Response (0.1/100mA Loads)
Line Transient Response (100/0.1mA Loads)
Separate Enable Operation (100mA Loads)


Similar Part No. - CAT6221

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221-JFTD-GT3 ONSEMI-CAT6221-JFTD-GT3 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221-JGTD-GT3 ONSEMI-CAT6221-JGTD-GT3 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221-JLTD-GT3 ONSEMI-CAT6221-JLTD-GT3 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221-JPTD-GT3 ONSEMI-CAT6221-JPTD-GT3 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
More results

Similar Description - CAT6221

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6218 CATALYST-CAT6218_08 Datasheet
274Kb / 10P
   300mA CMOS LDO Regulator
CAT6218 CATALYST-CAT6218 Datasheet
267Kb / 10P
   300mA CMOS LDO Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242_08 Datasheet
1Mb / 15P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167_10 Datasheet
434Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com