Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54ABT126 Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN54ABT126
Description  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT126 Datasheet(HTML) 4 Page - Texas Instruments

  SN54ABT126_07 Datasheet HTML 1Page - Texas Instruments SN54ABT126_07 Datasheet HTML 2Page - Texas Instruments SN54ABT126_07 Datasheet HTML 3Page - Texas Instruments SN54ABT126_07 Datasheet HTML 4Page - Texas Instruments SN54ABT126_07 Datasheet HTML 5Page - Texas Instruments SN54ABT126_07 Datasheet HTML 6Page - Texas Instruments SN54ABT126_07 Datasheet HTML 7Page - Texas Instruments SN54ABT126_07 Datasheet HTML 8Page - Texas Instruments SN54ABT126_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
SN54ABT126, SN74ABT126
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCBS183H – FEBRUARY 1991 – REVISED MAY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Note 5 and Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT126
SN74ABT126
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
1
2.9
4.9
1
7.3
1
6.3
ns
tPHL
A
Y
1
2.5
5.1
1
5.9
1
5.7
ns
tPZH
OE
Y
1
4.4
5.8
1
5.3
1
6.5
ns
tPZL
OE
Y
1
4.4
5.9
1
6.4
1
6.5
ns
tPHZ
OE
Y
1
3
5.7
1
6.9
1
6.8
ns
tPLZ
OE
Y
1
3
5.8
1
7.2
1
6.7
ns
NOTE 5: Limits may vary among suppliers.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn