Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C86XI-1.8T3 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT93C86XI-1.8T3
Description  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86XI-1.8T3 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT93C86XI-1.8T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86XI-1.8T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86XI-1.8T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86XI-1.8T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86XI-1.8T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C86XI-1.8T3 Datasheet HTML 10Page - Catalyst Semiconductor CAT93C86XI-1.8T3 Datasheet HTML 11Page - Catalyst Semiconductor CAT93C86XI-1.8T3 Datasheet HTML 12Page - Catalyst Semiconductor CAT93C86XI-1.8T3 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
CAT93C86
Doc. No. 1091, Rev. O
8-LEAD 208 MIL SOIC (X)
Notes:
1.
All dimensions are in millimeters.
2.
Complies with EIAJ specification EDR-7320.
L
A1
A
b
E
e
D
θ1
c
SYMBOL
A1
A
b
c
D
E
E1
e
L
MIN
0.05
0.36
5.13
7.75
5.13
0.51
NOM
0.25
0.19
1.27 BSC
MAX
0.25
2.03
0.48
5.33
8.26
5.38
0.76
θ10
°
8
°
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.


Similar Part No. - CAT93C86XI-1.8T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86XI-1.8TE13 CATALYST-CAT93C86XI-1.8TE13 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C86XI-1.8T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com