Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2031 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM2031
Description  HDMI Receiver Port Protection and Interface Device
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM2031 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM2031 Datasheet HTML 1Page - California Micro Devices Corp CM2031 Datasheet HTML 2Page - California Micro Devices Corp CM2031 Datasheet HTML 3Page - California Micro Devices Corp CM2031 Datasheet HTML 4Page - California Micro Devices Corp CM2031 Datasheet HTML 5Page - California Micro Devices Corp CM2031 Datasheet HTML 6Page - California Micro Devices Corp CM2031 Datasheet HTML 7Page - California Micro Devices Corp CM2031 Datasheet HTML 8Page - California Micro Devices Corp CM2031 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Issue X-1
CM2031
PACKAGE / PINOUT DIAGRAM
Note: This drawing is not to scale.
38-PIN TSSOP PACKAGE
1
2
3
4
5
6
7
8
30
29
28
27
31
32
9
10
34
33
35
36
11
12
37
38
TMDS_GND
TMDS_D2–
TMDS_D1+
TMDS_GND
TMDS_D1–
TMDS_D0+
TMDS_GND
TMDS_D0–
5V_SUPPLY
LV_SUPPLY
GND
TMDS_D2+
CE_SUPPLY
GND
TMDS_D2+
TMDS_GND
TMDS_D2–
TMDS_D1+
TMDS_GND
TMDS_D1–
TMDS_D0+
TMDS_GND
TMDS_D0–
N/C
13
14
26
25
TMDS_CK+
TMDS_GND
TMDS_CK+
TMDS_GND
TOP VIEW
24
23
22
15
16
17
TMDS_CK–
CE_REMOTE_IN
DDC_CLK_IN
TMDS_CK–
CE_REMOTE_OUT
DDC_CLK_OUT
18
19
21
20
DDC_DAT_OUT
HOTPLUG_DET_OUT
DDC_DAT_IN
HOTPLUG_DET_IN
PIN DESCRIPTIONS
PINS
NAME
ESD Level
DESCRIPTION
4, 35
TMDS_D2+
8kV3
TMDS 0.9pF ESD protection.1
6, 33
TMDS_D2–
8kV3
TMDS 0.9pF ESD protection.1
7, 32
TMDS_D1+
8kV3
TMDS 0.9pF ESD protection.1
9, 30
TMDS_D1–
8kV3
TMDS 0.9pF ESD protection.1
10, 29
TMDS_D0+
8kV3
TMDS 0.9pF ESD protection.1
12, 27
TMDS_D0–
8kV3
TMDS 0.9pF ESD protection.1
13, 26
TMDS_CK+
8kV3
TMDS 0.9pF ESD protection.1
15, 24
TMDS_CK–
8kV3
TMDS 0.9pF ESD protection.1
16
CE_REMOTE_IN
2kV4
CE_SUPPLY referenced logic level in.
23
CE_REMOTE_OUT
8kV3
5V_SUPPLY referenced logic level out plus 10pF ESD.
17
DDC_CLK_IN
2kV4
LV_SUPPLY referenced logic level in.
22
DDC_CLK_OUT
8kV3
5V_SUPPLY referenced logic level out plus 10pF ESD.
18
DDC_DAT_IN
2kV4
LV_SUPPLY referenced logic level in.
21
DDC_DAT_OUT
8kV3
5V_SUPPLY referenced logic level out plus 10pF ESD.
19
HOTPLUG_DET_IN
2kV4
LV_SUPPLY referenced logic level in.
20
HOTPLUG_DET_OUT
8kV3
5V_SUPPLY referenced logic level out plus 10pF ESD. A 0.1
μF
bypass ceramic capacitor is recommended on this pin.2
2
LV_SUPPLY
2kV4
Bias for CE / DDC / HOTPLUG level shifters.
37
CE_SUPPLY
2kV4,2
CEC bias voltage. Previously CM2020 ESD_BYP pin.
1
5V_SUPPLY
2kV4
Current source for 5V_OUT, VREF for DDC I2C voltage references,
and bias for 8kV ESD pins.
38
N/C
N/A
N/C
© 2007 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.cmd.com 07/10/07


Similar Part No. - CM2031

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031-A0TR ONSEMI-CM2031-A0TR Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
logo
List of Unclassifed Man...
CM203125 ETC-CM203125 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM203147 ETC-CM203147 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
CM203160 ETC-CM203160 Datasheet
34Mb / 42P
   MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CM2031

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM2021 CALMIRCO-CM2021 Datasheet
268Kb / 8P
   HDMI Receiver Port Protection and Interface Device
logo
ON Semiconductor
CM2030 ONSEMI-CM2030 Datasheet
314Kb / 17P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2031 ONSEMI-CM2031 Datasheet
275Kb / 18P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 5
CM2021-02TR ONSEMI-CM2021-02TR Datasheet
409Kb / 12P
   HDMI Receiver Port Protection and Interface Device
May 2010 ??Rev. 3
logo
Texas Instruments
TPD12S520 TI-TPD12S520 Datasheet
622Kb / 8P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_14 Datasheet
1Mb / 17P
[Old version datasheet]   Single-Chip HDMI Receiver Port Protection and Interface Device
TPD12S520 TI-TPD12S520_09 Datasheet
628Kb / 12P
[Old version datasheet]   SINGLE-CHIP HDMI RECEIVER PORT PROTECTION AND INTERFACE DEVICE
TPD12S520 TI1-TPD12S520_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPD12S520 Single-Chip HDMI Receiver Port Protection and Interface Device
logo
California Micro Device...
CM2020 CALMIRCO-CM2020 Datasheet
271Kb / 8P
   HDMI TRANSMITTER PORT PROTECTION AND INTERFACE DEVICE
logo
ON Semiconductor
CM2020-00TR ONSEMI-CM2020-00TR_11 Datasheet
330Kb / 9P
   HDMI Transmitter Port Protection and Interface Device
April, 2011 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com