Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5113LI-10-G Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT5113LI-10-G
Description  100-Tap Digitally Programmable Potentiometer (DPP??
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5113LI-10-G Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT5113LI-10-G Datasheet HTML 2Page - Catalyst Semiconductor CAT5113LI-10-G Datasheet HTML 3Page - Catalyst Semiconductor CAT5113LI-10-G Datasheet HTML 4Page - Catalyst Semiconductor CAT5113LI-10-G Datasheet HTML 5Page - Catalyst Semiconductor CAT5113LI-10-G Datasheet HTML 6Page - Catalyst Semiconductor CAT5113LI-10-G Datasheet HTML 7Page - Catalyst Semiconductor CAT5113LI-10-G Datasheet HTML 8Page - Catalyst Semiconductor CAT5113LI-10-G Datasheet HTML 9Page - Catalyst Semiconductor CAT5113LI-10-G Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CAT5113
Doc. No. MD-2009 Rev. T
6
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
APPLICATIONS INFORMATION
Potentiometer Configuration
Applications
Programmable Instrumentation Amplifier
Programmable Sq. Wave Oscillator (555)
Sensor Auto Referencing Circuit
(a) resistive divider
(b) variable resistance
(c) two-port
R2
R3
A3
A1 = A2 = A3 = ¼ LM6064
R2 = R3 = R4 = 5kΩ
RPOT = 10kΩ
+5V
+2.5V
VO
R4
R3
R4
R2
R1
2
8
3
2
6
5
7
9
4
10
11
8
1
1
7
4
+
+
+
+5V
V1 (-)
V2 (+)
CAT5113/5114
DPP
+5V
0.01µF
0.01µF
0.003µF
pRPOT
(1-p)RPOT
R2
C
R1
RB
RA
5
3
6
7
8
4
1
2
65
3
2
8
1
7
4
+5V
DPP
555
+5V
-5V
VREF = 1V
VOUT = 1V ± 1mV
VSHIFT = 100mV
VSENSOR = 1V ± 50mV
ICIA
VCORR
4
11
1
499kΩ
20kΩ
ICIB
499kΩ
2
3
6
5
499kΩ
499kΩ
10kΩ
0.01µF
OSC
CS
IC3A
¼ 74HC132
+
+
2
8
1
7
7
4
+5V
+200mV
CAT5111/5112
IC2
DPP
+


Similar Part No. - CAT5113LI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5113LI-10-G CATALYST-CAT5113LI-10-G Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113LI-10-G ONSEMI-CAT5113LI-10-G Datasheet
222Kb / 13P
   100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2009 Rev. X
CAT5113LI-10-G ONSEMI-CAT5113LI-10-G Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
CAT5113LI-10-G ONSEMI-CAT5113LI-10-G Datasheet
204Kb / 13P
   100-tap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
More results

Similar Description - CAT5113LI-10-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
CAT5116 CATALYST-CAT5116_07 Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com