Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5111LI-10-G Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5111LI-10-G
Description  100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5111LI-10-G Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5111LI-10-G Datasheet HTML 1Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 2Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 3Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 4Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 5Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 6Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 7Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 8Page - Catalyst Semiconductor CAT5111LI-10-G Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CAT5111
© 2007 Catalyst Semiconductor, Inc.
1
Doc. No. MD-2008 Rev. P
Characteristics subject to change without notice
100-Tap Digitally Programmable Potentiometer (DPP™)
with Buffered Wiper
FEATURES
100-position linear taper potentiometer
Non-volatile EEPROM wiper storage;
buffered wiper
Low power CMOS technology
Single supply operation: 2.5V-6.0V
Increment up/down serial interface
Resistance values: 10kΩ, 50kΩ and 100kΩ
Available in PDIP, SOIC, TSSOP and MSOP
packages
APPLICATIONS
Automated product calibration
Remote control adjustments
Offset, gain and zero control
Tamper-proof calibrations
Contrast, brightness and volume controls
Motor controls and feedback systems
Programmable analog functions
For Ordering Information details, see page 10.
DESCRIPTION
The CAT5111 is a single digitally programmable
potentiometer (DPP™) designed as a electronic
replacement for mechanical potentiometers. Ideal for
automated adjustments on high volume production
lines, they are also well suited for applications where
equipment requiring periodic adjustment is either
difficult to access or located in a hazardous or remote
environment.
The CAT5111 contains a 100-tap series resistor array
connected between two terminals RH and RL. An
up/down counter and decoder that are controlled by
three input pins, determines which tap is connected to
the wiper, RWB. The CAT5111 wiper is buffered by an
op amp that operates rail to rail. The wiper setting,
stored in non-volatile memory, is not lost when the
device is powered down and is automatically recalled
when power is returned. The wiper can be adjusted to
test new system values without effecting the stored
setting.
Wiper-control
of
the
CAT5111
is
accomplished with three input control pins, CS
¯¯ , U/D
¯,
and INC
¯¯¯. The INC
¯¯¯ input increments the wiper in the
direction which is determined by the logic state of the
U/D
¯ input. The CS
¯¯ input is used to select the device
and also store the wiper position prior to power down.
The digitally programmable potentiometer can be
used as a buffered voltage divider. For applications
where the potentiometer is used as a 2-terminal
variable resistor, please refer to the CAT5113. The
buffered wiper of the CAT5111 is not compatible with
that application.
FUNCTIONAL DIAGRAM
Control
and
Memory
Power On Recall
VCC
GND
U/D
INC
CS
RH
RH
RWB
RWB
RL
RL
+
+
Electronic Potentiometer Implementation


Similar Part No. - CAT5111LI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111LI-10-G CATALYST-CAT5111LI-10-G Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
624Kb / 13P
   100-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2008 Rev. R
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
205Kb / 14P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 20
More results

Similar Description - CAT5111LI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111_08 Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111 ONSEMI-CAT5111 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
logo
Catalyst Semiconductor
CAT5111 CATALYST-CAT5111 Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
logo
ON Semiconductor
CAT5112 ONSEMI-CAT5112 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_07 Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111LI-10-G ONSEMI-CAT5111LI-10-G Datasheet
624Kb / 13P
   100-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2008 Rev. R
CAT5112LI-10-G ONSEMI-CAT5112LI-10-G Datasheet
203Kb / 11P
   32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2002 Rev. N
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com