Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C86ZD4I-GT2 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT93C86ZD4I-GT2
Description  16K-Bit Microwire Serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86ZD4I-GT2 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT93C86ZD4I-GT2 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C86ZD4I-GT2 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C86ZD4I-GT2 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C86ZD4I-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C86ZD4I-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86ZD4I-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86ZD4I-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86ZD4I-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86ZD4I-GT2 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
CAT93C86
Doc. No. 1091, Rev. O
PIN CAPACITANCE
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT(1)
Output Capacitance (DO)
VOUT=0V
5
pF
CIN(1)
Input Capacitance (CS, SK, DI, ORG)
VIN=0V
5
pF
INSTRUCTION SET
n
o
i
t
c
u
r
t
s
n
I
t
r
a
t
S
t
i
Be
d
o
c
p
O
s
s
e
r
d
d
Aa
t
a
D
s
t
n
e
m
m
o
C
8
x6
1
x8
x6
1
x
D
A
E
R1
0
10
A
-
0
1
A0
A
-
9
A0
A
N
A
s
s
e
r
d
d
A
d
a
e
R
E
S
A
R
E1
1
10
A
-
0
1
A0
A
-
9
A0
A
N
A
s
s
e
r
d
d
A
r
a
e
l
C
E
T
I
R
W1
1
00
A
-
0
1
A0
A
-
9
A0
D
-
7
D0
D
-
5
1
D0
A
N
A
s
s
e
r
d
d
A
e
t
i
r
W
N
E
W
E1
0
0
X
X
X
X
X
X
X
1
1X
X1
1X
X
X
X
X
XX
X
e
l
b
a
n
E
e
t
i
r
W
S
D
W
E1
0
0
0
0X
X
X
X
X
X
XX
X0
0X
X
X
X
X
XX
X
e
l
b
a
s
i
D
e
t
i
r
W
L
A
R
E1
0
0
0
1X
X
X
X
X
X
XX
X0
1X
X
X
X
X
XX
X
s
e
s
s
e
r
d
d
A
ll
A
r
a
e
l
C
L
A
R
W1
0
0
1
0X
X
X
X
X
X
XX
X1
0X
X
X
X
X
XX
X
0
D
-
7
D0
D
-
5
1
Ds
e
s
s
e
r
d
d
A
ll
A
e
t
i
r
W
Limits
VCC =VCC =VCC =
1.8V-5.5V
2.5V-5.5V
4.5V-5.5V
Test
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Units
tCSS
CS Setup Time
200
100
50
ns
tCSH
CS Hold Time
0
0
0
ns
tDIS
DI Setup Time
200
100
50
ns
tDIH
DI Hold Time
200
100
50
ns
tPD1
Output Delay to 1
1
0.5
0.15
µs
tPD0
Output Delay to 0
1
0.5
0.15
µs
tHZ(1)
Output Delay to High-Z
400
200
100
ns
tEW
Program/Erase Pulse Width
5
5
5
ms
tCSMIN
Minimum CS Low Time
1
0.5
0.15
µs
tSKHI
Minimum SK High Time
1
0.5
0.15
µs
tSKLOW
Minimum SK Low Time
1
0.5
0.15
µs
tSV
Output Delay to Status Valid
1
0.5
0.1
µs
SKMAX
Maximum Clock Frequency
DC
500
DC
1000
DC
3000
kHz
A.C. CHARACTERISTICS
CL = 100pF
(3)


Similar Part No. - CAT93C86ZD4I-GT2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C86ZD4I-GT2C ONSEMI-CAT93C86ZD4I-GT2C Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
More results

Similar Description - CAT93C86ZD4I-GT2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com