Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT853 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT853
Description  3-Pin Microprocessor Power Supply Supervisors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT853 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT853 Datasheet HTML 1Page - Catalyst Semiconductor CAT853 Datasheet HTML 2Page - Catalyst Semiconductor CAT853 Datasheet HTML 3Page - Catalyst Semiconductor CAT853 Datasheet HTML 4Page - Catalyst Semiconductor CAT853 Datasheet HTML 5Page - Catalyst Semiconductor CAT853 Datasheet HTML 6Page - Catalyst Semiconductor CAT853 Datasheet HTML 7Page - Catalyst Semiconductor CAT853 Datasheet HTML 8Page - Catalyst Semiconductor CAT853 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 3026, Rev. B
CAT853, CAT863
CAT859, CAT869
3-Pin Microprocessor Power Supply
Supervisors
FEATURES
Precision monitoring of +3.3V (-5%, -10%), 5V
(-10% Power Supplies)
Active low reset output
Reset valid down to VCC = 1.0V
6μA power supply current
Power supply transient immunity
Industrial temperature range: -40ºC to +85ºC
RoHS-compliant SOT-23 package
APPLICATIONS
Computers
Servers
Laptops
Cable modems
Wireless communications
Embedded control systems
White goods
Power meters
Intelligent instruments
PDAs and handheld equipment
DESCRIPTION
The CAT853, CAT863, CAT859, and CAT869 are
supervisory circuits that monitor power supplies in digital
systems.
These devices generate a reset signal, which is asserted
while the power supply voltage is below a preset threshold
level and for at least 140 ms after the power supply level
has risen above that level. Industry standard threshold
levels are offered to support +3.3V or 5.0V systems.
The CAT859 and CAT869 feature a RESET push-pull
output (active low) for the two pinout options.
The CAT853 and CAT863 feature an open drain RESET
output (active low). Both require a pull-up resistor on
the RESET output.
Fast transients on the power supply are ignored and
the output is guaranteed to be in the correct state at Vcc
levels as low as 1.0V.
PIN CONFIGURATION
THRESHOLD SUFFIX SELECTOR
Nominal Threshold
Voltage
Threshold Suffix
Designation
3.08V
T
2.93V
S
4.38V
M
For Ordering Information details, see page 8.
PIN DESCRIPTIONS
Name
Description
RESET Active low reset. RESET is asserted if VCC falls below the reset threshold and remains low for at least
140ms after VCC rises above the reset threshold.
GND
Ground
VCC
Power supply voltage that is monitored.
2
CAT853
CAT859
GND
RESET
VCC
3-Lead SOT23
1
3
3-Lead SOT23
CAT863
CAT869
GND
RESET
VCC
1
2
3


Similar Part No. - CAT853

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853 ONSEMI-CAT853 Datasheet
683Kb / 10P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3026, Rev. G
CAT853 ONSEMI-CAT853 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT853 ONSEMI-CAT853 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT853 ONSEMI-CAT853 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT853CTBI-G ONSEMI-CAT853CTBI-G Datasheet
683Kb / 10P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3026, Rev. G
More results

Similar Description - CAT853

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com