Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM50MD1-12H Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. CM50MD1-12H
Description  MEDIUM POWER SWITCHING USE FLAT-BASE TYPE, INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

CM50MD1-12H Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb.1999
CM50MD1-12H
BW
EW
GW
GW
V
EV
GV
GV
U
EU
GU
GU
P1
P
N
T
S
E
CIRCUIT DIAGRAM
MAIN CIRCUIT
TERMINAL
CONTROL CIRCUIT
TERMINAL
R
t = 0.6
t = 0.6
45°
GB ; NOT CONNECTED
GW
EW
GW
GV
E
GV
GU
EV
GU
EU
TB
U
V
W
S
R
N
P1
P
GG
G
GBGGGE
EE
E
13
5
8
10.16
10.16
10.16
17.2
15
15
12.5
12.5
12.5
15
9
4
0.6
2
15
12.5
2–
φ4.5
MOUNTING HOLES
105 ±0.25
115
2–R5.5
LABEL
APPLICATION
AC & DC motor controls, General purpose inverters, Servo controls, NC, Robotics, UPS
MITSUBISHI IGBT MODULES
CM50MD1-12H
MEDIUM POWER SWITCHING USE
FLAT-BASE TYPE, INSULATED TYPE
¡IC ..................................................................... 50A
¡VCES ............................................................600V
¡Insulated Type
¡CIB Module
3
φ Inverter+3φ Converter
¡UL Recognized
Yellow Card No. E80276 (N)
File No. E80271
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CM10MD1-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM10MD3-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM15MD1-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM15MD3-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20MD1-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM20MD3-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM30MD1-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM30MD3-12HMEDIUM POWER SWITCHING USE FLAT-BASE TYPE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
CM15MD-24HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor
QM30TX-HMEDIUM POWER SWITCHING USE INSULATED TYPE 1 2 3 4 5 Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn