Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT524WI Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT524WI
Description  Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT524WI Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT524WI Datasheet HTML 4Page - Catalyst Semiconductor CAT524WI Datasheet HTML 5Page - Catalyst Semiconductor CAT524WI Datasheet HTML 6Page - Catalyst Semiconductor CAT524WI Datasheet HTML 7Page - Catalyst Semiconductor CAT524WI Datasheet HTML 8Page - Catalyst Semiconductor CAT524WI Datasheet HTML 9Page - Catalyst Semiconductor CAT524WI Datasheet HTML 10Page - Catalyst Semiconductor CAT524WI Datasheet HTML 11Page - Catalyst Semiconductor CAT524WI Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CAT524
Doc. No. MD-2006 Rev. G
8
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
READING DATA
Each time data is transferred into a DPP wiper control
register currently held data is shifted out via the D0
pin, thus in every data transaction a read cycle
occurs. Note, however, that the reading process is
destructive. Data must be removed from the register
in order to be read. Figure 2 depicts a Read Only
cycle in which no change occurs in the DPP’s output.
This feature allows µPs to poll DPPs for their current
setting without disturbing the output voltage but it
assumes that the setting being read is also stored in
non-volatile memory so that it can be restored at the
end of the read cycle. In Figure 2 CS returns low
before the 13th clock cycle completes. In doing so the
non-volatile memory setting is reloaded into the DPP
wiper control register.
Since this value is the same as that which had been
there previously no change in the DPP’s output is
noticed. Had the value held in the control register
been different from that stored in non-volatile memory
then a change would occur at the read cycle’s
conclusion.
TEMPORARILY CHANGE OUTPUT
The CAT524
allows temporary changes in DPP’s
output to be made without disturbing the settings
retained in non-volatile memory.
This feature is
particularly useful when testing for a new output
setting and allows for user adjustment of preset or
default values without losing the original factory
settings.
Figure 3 shows the control and data signals needed
to effect a temporary output change.
DPP wiper
settings may be changed as many times as required
and can be made to any of the four DPPs in any order
or sequence.
The temporary setting(s) remain in
effect long as CS remains high. When CS returns low
all four DPPs will return to the output values stored in
non-volatile memory.
When it is desired to save a new setting acquired
using this feature, the new value must be reloaded
into the DPP control register prior to programming.
This is because the CAT524’s internal control circuitry
discards the new data from the programming register
two clock cycles after receiving it (after reception is
complete) if no PROG signal is received.
Figure 2. Reading from Memory
Figure 3. Temporary Change in Output
A0
A1
1
DO
DI
CS
PROG
DPP
OUTPUT
t
1
2
3
4
5
6
7
8
9
10
11
12
o
CURRENT
DPP VALUE
NON-VOL ATILE
D0
D1
D2
D3
D4
D5
D6
D7
CURRENT DPP DATA
RDY/BSY
D0
D1
D2
D3
D4
D5
D6
D7
A0
A1
D0
D1
D2
D3
D4
D5
D6
D7
1
NEW DPP DATA
CURRENT DPP DATA
DO
DI
CS
PROG
DPP
OUTPUT
t
1
2
3
4
5
6
7
8
9
10
11
12
N
N+1 N+2
o
CURRENT
DPP VALUE
NON-VOL ATILE
NEW
DPP VALUE
VOLATILE
CURRENT
DPP VALUE
NON-VOL ATILE
RDY/BSY


Similar Part No. - CAT524WI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT524WI ONSEMI-CAT524WI Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
CAT524WI-T2 ONSEMI-CAT524WI-T2 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
logo
Catalyst Semiconductor
CAT524WI-TE10 CATALYST-CAT524WI-TE10 Datasheet
105Kb / 13P
   Configured Digitally Programmable Potentiometer
More results

Similar Description - CAT524WI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
logo
Catalyst Semiconductor
CAT525_0711 CATALYST-CAT525_0711 Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT523 ONSEMI-CAT523 Datasheet
201Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2005 Rev. I
logo
Catalyst Semiconductor
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5251 ONSEMI-CAT5251 Datasheet
252Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. H
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251 Datasheet
95Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP) with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT524 ONSEMI-CAT524 Datasheet
214Kb / 15P
   Quad Digitally Programmable Potentiometer (DPPtm) with 256 Taps and Microwire Interface
Doc. No. MD-2006 Rev. I
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com