Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C56XI-T3 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT93C56XI-T3
Description  2-Kb Microwire Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C56XI-T3 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT93C56XI-T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C56XI-T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C56XI-T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C56XI-T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C56XI-T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C56XI-T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C56XI-T3 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C56XI-T3 Datasheet HTML 10Page - Catalyst Semiconductor CAT93C56XI-T3 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
CAT93C56, CAT93C57
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-1088 Rev. P
Characteristics subject to change without notice
Read
Upon receiving a READ command and an address
(clocked into the DI pin), the DO pin of the
CAT93C56/57 will come out of the high impedance
state and, after sending an initial dummy zero bit, will
begin shifting out the data addressed (MSB first). The
output data bits will toggle on the rising edge of the
SK clock and are stable after the specified time delay
(tPD0 or tPD1).
For the CAT93C56/57, after the initial data word has
been shifted out and CS remains asserted with the SK
clock continuing to toggle, the device will auto-
matically increment to the next address and shift out
the next data word in a sequential READ mode. As
long as CS is continuously asserted and SK continues
to toggle, the device will keep incrementing to the next
address automatically until it reaches to the end of the
address space, then loops back to address 0. In the
sequential READ mode, only the initial data word is
preceeded by a dummy zero bit. All subsequent data
words will follow without a dummy zero bit. The READ
instruction timing is illustrated in Figure 2.
Erase/Write Enable and Disable
The CAT93C56/57 powers up in the write disable state.
Any writing after power-up or after an EWDS (erase/write
disable) instruction must first be preceded by the EWEN
(erase/write enable)
instruction.
Once
the write
instruction is enabled, it will remain enabled until power
to the device is removed, or the EWDS instruction is
sent. The EWDS instruction can be used to disable all
CAT93C56/57 write and erase instructions, and will
prevent any accidental writing or clearing of the device.
Data can be read normally from the device regardless of
the write enable/disable status. The EWEN and EWDS
instructions timing is shown in Figure 3.
Figure 2. READ Instruction Timing
Figure 3. EWEN/EWDS Instruction Timing
SK
CS
DI
DO
HIGH-Z
11
0
AN AN–1
A0
Dummy 0
D15 . . . D0
or
D7 . . . D0
Address + 1
D15 . . . D0
or
D7 . . . D0
Address + 2
D15 . . . D0
or
D7 . . . D0
Address + n
D15 . . .
or
D7 . . .
Don't Care
tPD0
CS
DI
STANDBY
10
0
*
* ENABLE = 11
DISABLE = 00
SK


Similar Part No. - CAT93C56XI-T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C56XI-1.8-GT2E CATALYST-CAT93C56XI-1.8-GT2E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C56XI-1.8-GT2E ONSEMI-CAT93C56XI-1.8-GT2E Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56XI-1.8-GT3E CATALYST-CAT93C56XI-1.8-GT3E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C56XI-1.8-GT3E ONSEMI-CAT93C56XI-1.8-GT3E Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C56XI-1.8T2E CATALYST-CAT93C56XI-1.8T2E Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C56XI-T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAV93C56 ONSEMI-CAV93C56 Datasheet
136Kb / 10P
   2 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. 0
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
CAT93C66VE ONSEMI-CAT93C66VE Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C66 ONSEMI-CAT93C66_15 Datasheet
116Kb / 13P
   4 kb Microwire Serial CMOS EEPROM
August, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com