Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBI15-005 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # DBI15-005
Description  Three-Phase Si-Bridge-Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DBI15-005 Datasheet(HTML) 1 Page - Diotec Semiconductor

  DBI15-005 Datasheet HTML 1Page - Diotec Semiconductor DBI15-005 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DBI15-005 ... DBI15-16
DBI15-005 ... DBI15-16
Three-Phase Si-Bridge-Rectifiers
Dreiphasen-Si-Brückengleichrichter
Version 2006-04-26
Dimensions - Maße [mm]
Nominal current
Nennstrom
15 A
Alternating input voltage
Eingangswechselspannung
35...1000 V
Metal case – Metallgehäuse
40 x 20 x 10 [mm]
Weight approx. – Gewicht ca.
35 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose im Karton
Maximum ratings
Grenzwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
DBI15-005
35
50
DBI15-01
70
100
DBI15-02
140
200
DBI15-04
280
400
DBI15-06
420
600
DBI15-08
560
800
DBI15-10
700
1000
DBI15-12
800
1200
DBI15-14
900
1400
DBI15-16
1000
1600
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
80 A 2)
Peak forward surge current 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
250 A
Peak forward surge current 60 Hz half sine-wave
Stoßstrom für eine 60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
275 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
330 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Valid for one branch – Gültig für einen Brückenzweig
2
Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig, wenn die Anschlussdrähte in 5 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
© Diotec Semiconductor AG
http://www.diotec.com/
1
40
±0.2
4x7.5
Ø 0.8
Ø 4.5
10
Type
Typ
_
+
~ ~ ~


Similar Part No. - DBI15-005

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DBI15-005 DIOTEC-DBI15-005 Datasheet
164Kb / 2P
   Three-Phase Si-Bridge Rectifiers
logo
Semikron International
DBI15-005 SEMIKRON-DBI15-005 Datasheet
184Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DBI15-005 SEMIKRON-DBI15-005 Datasheet
187Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DBI15-005 SEMIKRON-DBI15-005_06 Datasheet
187Kb / 2P
   Three-Phase Si-Bridge Rectifiers
More results

Similar Description - DBI15-005

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
DBI25005 DIOTEC-DBI25005 Datasheet
164Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DB25005 DIOTEC-DB25005_14 Datasheet
214Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
DBI2004B DIOTEC-DBI2004B_13 Datasheet
209Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DB35-005 SEMIKRON-DB35-005 Datasheet
256Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DBI25-005 SEMIKRON-DBI25-005 Datasheet
184Kb / 2P
   Three-Phase Si-Bridge Rectifiers
logo
Diotec Semiconductor
DBI20-04B DIOTEC-DBI20-04B Datasheet
140Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
DBI6005 DIOTEC-DBI6005 Datasheet
152Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DBI20-04B DIOTEC-DBI20-04B_15 Datasheet
130Kb / 2P
   Three-Phase Si-Bridge-Rectifiers
logo
Semikron International
DBI6-005 SEMIKRON-DBI6-005 Datasheet
188Kb / 2P
   Three-Phase Si-Bridge Rectifiers
DB15-005 SEMIKRON-DB15-005_06 Datasheet
231Kb / 2P
   Three-Phase Si-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com