Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M13S256328A Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # M13S256328A
Description  2M x 32 Bit x 4 Banks Double Data Rate SDRAM
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M13S256328A Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  M13S256328A Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M13S256328A Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M13S256328A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M13S256328A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M13S256328A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M13S256328A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M13S256328A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M13S256328A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M13S256328A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
ESMT
M13S256328A
Elite Semiconductor Memory Technology Inc.
Publication Date : May. 2007
Revision : 1.2
3/47
Pin Description
(M13S256328A)
Pin Name
Function
Pin Name
Function
A0~A11,
BA0,BA1
Address inputs
- Row address A0~A11
- Column address A0~A7, A9
A8/AP : AUTO Precharge
BA0, BA1 : Bank selects (4 Banks)
DM0~DM3
DQ Mask enable in write cycle.
DQ0~DQ31
Data-in/Data-out
CLK, CLK
Clock input
RAS
Row address strobe
CKE
Clock enable
CAS
Column address strobe
CS
Chip select
WE
Write enable
VDDQ
Supply Voltage for GDQ
VSS
Ground
VSSQ
Ground for DQ
VDD
Power
VREF
Reference Voltage for SSTL
DQS0~DQS3
(for FBGA)
Bi- directional Data Strobe.
DQS0 correspond to the data on DQ0~DQ7.
DQS1 correspond to the data on DQ8~DQ15.
DQS2 correspond to the data on DQ16~DQ23.
DQS3 correspond to the data on DQ24~DQ31.
NC
No connection
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD supply relative to VSS
VDD, VDDQ
-1.0 ~ 3.6
V
Voltage on VDDQ supply relative to VSS
VDDQ
-0.5 ~ 3.6
V
Storage temperature
TSTG
-55 ~ +150
C
°
Power dissipation
PD
TBD
W
Short circuit current
IOS
50
mA
Note :
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommend operation condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.


Similar Part No. - M13S256328A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 49P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A-2A ESMT-M13S2561616A-2A Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
M13S2561616A-2S ESMT-M13S2561616A-2S Datasheet
1Mb / 49P
   Double-data-rate architecture, two data transfers per clock cycle
More results

Similar Description - M13S256328A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M13S128168A ESMT-M13S128168A_08 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128168A ESMT-M13S128168A_1 Datasheet
1Mb / 49P
   2M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A Datasheet
866Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_1 Datasheet
887Kb / 49P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A_08 Datasheet
838Kb / 50P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S128324A ESMT-M13S128324A_09 Datasheet
955Kb / 50P
   1M x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S32321A ESMT-M13S32321A Datasheet
752Kb / 49P
   256K x 32 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
   4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S64164A ESMT-M13S64164A Datasheet
1Mb / 49P
   1M x 16 Bit x 4 Banks Double Data Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com