Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4133W Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI4133W
Description  RF SYNTHESIZER WITH INTEGRATED VCOS FOR W-CDMA AND GSM/UMTS WIRELESS COMMUNICATIONS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4133W Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI4133W Datasheet HTML 5Page - Silicon Laboratories SI4133W Datasheet HTML 6Page - Silicon Laboratories SI4133W Datasheet HTML 7Page - Silicon Laboratories SI4133W Datasheet HTML 8Page - Silicon Laboratories SI4133W Datasheet HTML 9Page - Silicon Laboratories SI4133W Datasheet HTML 10Page - Silicon Laboratories SI4133W Datasheet HTML 11Page - Silicon Laboratories SI4133W Datasheet HTML 12Page - Silicon Laboratories SI4133W Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Si4133W
Rev. 1.1
9
IF Phase Noise
100 kHz offset
–115
dBc/Hz
IF Integrated Phase Error
100 Hz to 1 MHz
0.7
degrees
rms
RF1 Harmonic Suppression
Second Harmonic
–28
–20
dBc
RF2 Harmonic Suppression
–23
–20
dBc
IF Harmonic Suppression
–26
–20
dBc
RFOUT Output Power Level
ZL = 50 Ω, RF1 active
–8
–3
0.5
dBm
ZL = 50 Ω, RF2 active
–5
–1
1
dBm
IFOUT Output Power Level
ZL = 50 Ω
–7.5
–4
–1
dBm
IF Output Voltage Level
ZL = 200 Ω
—0.30—
VRMS
RF1 Output Reference Spurs
Offset = 200 kHz
–65
dBc
Offset = 400 kHz
–70
dBc
Offset = 600 kHz
–75
dBc
RF2 Output Reference Spurs
Offset = 200 kHz
–65
dBc
Offset = 400 kHz
–70
dBc
Offset = 600 kHz
–75
dBc
Power Up Request to Synthesizer Ready
Time, RF1/RF2/IF6
tpup
Figure 4, Figure 5
200
µs
Power Down Request to Synthesizer Off
Time, RF1/RF2/IF7
tpdn
Figure 4, Figure 5
100
ns
Table 5. Si4133W RF and IF Synthesizer Characteristics (Continued)
(VDD = 2.7 to 3.6 V, TA = –25 to 85 °C)
Parameter1
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1. fφ = 200 kHz, RF1 = 2.4 GHz, RF2 = 1.5 GHz, IFOUT = 800 MHz, LPWR = 0, for all parameters unless otherwise noted.
2. Low update frequencies have a maximum value of N for stable operation. See Table 8 on page 18.
3. RF1 tuning range is fixed by inductance of internally bonded wires.
4. RF2 VCO center frequency is fixed by inductance of printed circuit board trace or external inductor. To properly design
and layout the external inductor, see “AN31: Inductor Design for the Si41xx Synthesizer Family”.
5. Tuning range of externally tuned VCO assumes tolerance of LEXT to ±10%. See “Setting the VCO Center Frequencies”
on page 16.
6. From power up request (PWDNB
↑ or SENB↑ during a write of 1 to bits PDIB and PDRB in Register 2) to synthesizer
ready (settled to within 0.1 ppm frequency error).
7. From power down request (PWDNB
↓, or SENB↑ during a write of 0 to bits PDIB and PDRB in Register 2) to supply
current equal to IPWDN.


Similar Part No. - SI4133W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-BM ETC-SI4133-BM Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4133-BT ETC-SI4133-BT Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GM SILABS-SI4133-D-GM Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results

Similar Description - SI4133W

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4114G SILABS-SI4114G Datasheet
367Kb / 24P
   RF SYNTHESIZER WITH INTEGRATED VCOS FOR DIRECT CONVERSION GSM AND GPRS WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133G-X2 ETC-SI4133G-X2 Datasheet
875Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4122G SILABS-SI4122G Datasheet
469Kb / 32P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4133G-X2 SILABS-SI4133G-X2 Datasheet
667Kb / 28P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR GSM AND GPRS WIRELESS COMMUNICATIONS
SI4126 SILABS-SI4126 Datasheet
733Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
SI4136 SILABS-SI4136_10 Datasheet
314Kb / 34P
   ISM RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133-D-GMR ETC2-SI4133-D-GMR Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133-D-GT SILABS-SI4133-D-GT Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
List of Unclassifed Man...
SI4133 ETC-SI4133 Datasheet
713Kb / 34P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
logo
Silicon Laboratories
SI4133 SILABS-SI4133 Datasheet
318Kb / 36P
   DUAL-BAND RF SYNTHESIZER WITH INTEGRATED VCOS FOR WIRELESS COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com