Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW04-342 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BZW04-342
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZW04-342 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BZW04-342 Datasheet HTML 1Page - Diotec Semiconductor BZW04-342 Datasheet HTML 2Page - Diotec Semiconductor BZW04-342 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZW04-5V8 ... BZW04-376B
BZW04-5V8 ... BZW04-376B
Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Unidirektionale und bidirektionale Spannungs-Begrenzer-Dioden
Version 2005-07-15
Dimensions - Maße [mm]
Peak pulse power dissipation
Impuls-Verlustleistung
400 W
Nominal Stand-off voltage
Nominale Sperrspannung
5.8...376 V
Plastic case
Kunststoffgehäuse
DO-15
(DO-204AC)
Weight approx
Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
For bidirectional types (add suffix “B”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (ergänze Suffix “B”) gelten die elektrischen Werte in beiden Richtungen.
Maximum ratings and Characteristics
Grenz- und Kennwerte
Peak pulse power dissipation (10/1000 µs waveform)
Impuls-Verlustleistung (Strom-Impuls 10/1000 µs)
TA = 25°C
PPPM
400 W 1)
Steady state power dissipation
Verlustleistung im Dauerbetrieb
TA = 75°C
P
M(AV)
1 W 2)
Peak forward surge current, 60 Hz half sine-wave
Stoßstrom für eine 60 Hz Sinus-Halbwelle
TA = 25°C
I
FSM
40 A 3)
Max. instantaneous forward voltage
Augenblickswert der Durchlass-Spannung
I
F = 25 A
V
BR ≤ 200 V
V
BR > 200 V
VF
VF
< 3.0 V 3)
< 6.5 V 3)
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 45 K/W
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 15 K/W
1
Non-repetitive pulse see curve I
PP = f (t) / PPP = f (t)
Höchstzulässiger Spitzenwert eines einmaligen Impulses, siehe Kurve I
PP = f (t) / PPP = f (t)
2
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
3
Unidirectional diodes only – Nur für unidirektionale Dioden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø
±0.05
0.8
Ø
±0.05
3


Similar Part No. - BZW04-342

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-342 STMICROELECTRONICS-BZW04-342 Datasheet
130Kb / 6P
   TRANSIL
logo
Shenzhen Luguang Electr...
BZW04-342 LUGUANG-BZW04-342 Datasheet
189Kb / 4P
   Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
BZW04-342 EIC-BZW04-342 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
BZW04-342 DIOTEC-BZW04-342 Datasheet
107Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
General Semiconductor
BZW04-342 GE-BZW04-342 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW04-342

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com