Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4051APW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4051APW
Description  8-CHANNEL ANALOG MULTIPLESERS/DEMULTIPLEXERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4051APW Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV4051APW Datasheet HTML 1Page - Texas Instruments SN74LV4051APW Datasheet HTML 2Page - Texas Instruments SN74LV4051APW Datasheet HTML 3Page - Texas Instruments SN74LV4051APW Datasheet HTML 4Page - Texas Instruments SN74LV4051APW Datasheet HTML 5Page - Texas Instruments SN74LV4051APW Datasheet HTML 6Page - Texas Instruments SN74LV4051APW Datasheet HTML 7Page - Texas Instruments SN74LV4051APW Datasheet HTML 8Page - Texas Instruments SN74LV4051APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SN54LV4051A, SN74LV4051A
8CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS428H − MAY 1999 − REVISED APRIL 2005
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch I/O voltage range, VIO (see Notes 1 and 2)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I/O diode current, IIOK (VIO < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch through current, IT (VIO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): DB package
82
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): DGV package
120
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): NS package
64
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 3): PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(see Note 4): RGY package
39
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
2. This value is limited to 5.5 V maximum.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
4. The package thermal impedance is calculated in accordance with JESD 51-5.
recommended operating conditions (see Note 5)
SN54LV4051A
SN74LV4051A
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
2‡
5.5
2‡
5.5
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage,
VCC = 2.3 V to 2.7 V
VCC  0.7
VCC  0.7
V
VIH
High-level input voltage,
control inputs
VCC = 3 V to 3.6 V
VCC  0.7
VCC  0.7
V
control inputs
VCC = 4.5 V to 5.5 V
VCC  0.7
VCC  0.7
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage,
VCC = 2.3 V to 2.7 V
VCC  0.3
VCC  0.3
V
VIL
Low-level input voltage,
control inputs
VCC = 3 V to 3.6 V
VCC  0.3
VCC  0.3
V
control inputs
VCC = 4.5 V to 5.5 V
VCC  0.3
VCC  0.3
VI
Control input voltage
0
5.5
0
5.5
V
VIO
Input/output voltage
0
VCC
0
VCC
V
VCC = 2.3 V to 2.7 V
200
200
∆t/∆v Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
100
ns/V
∆t/∆v Input transition rise or fall rate
VCC = 4.5 V to 5.5 V
20
20
ns/V
TA
Operating free-air temperature
−55
125
−40
85
°C
‡ With supply voltages at or near 2 V, the analog switch on-state resistance becomes very nonlinear. It is recommended that only digital signals
be transmitted at these low supply voltages.
NOTE 5: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to TI application report Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LV4051APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051APW TI-SN74LV4051APW Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051APW TI-SN74LV4051APW Datasheet
900Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051APW TI-SN74LV4051APW Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051APW TI-SN74LV4051APW Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051APW TI1-SN74LV4051APW Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel Analog Multiplexers and Demultiplexers
More results

Similar Description - SN74LV4051APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4067BME4 TI-CD4067BME4 Datasheet
1,023Kb / 17P
[Old version datasheet]   CMOS Analog Multiplesers Demultiplexers
logo
Unisonic Technologies
4051 UTC-4051_07 Datasheet
164Kb / 7P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A_101 TI-SN54LV4051A_101 Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A_10 Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A_08 Datasheet
900Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051 Datasheet
125Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_15 Datasheet
333Kb / 8P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_18 Datasheet
216Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com