Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT4543 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT4543
Description  BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4543 Datasheet(HTML) 4 Page - Texas Instruments

  CD74HCT4543 Datasheet HTML 1Page - Texas Instruments CD74HCT4543 Datasheet HTML 2Page - Texas Instruments CD74HCT4543 Datasheet HTML 3Page - Texas Instruments CD74HCT4543 Datasheet HTML 4Page - Texas Instruments CD74HCT4543 Datasheet HTML 5Page - Texas Instruments CD74HCT4543 Datasheet HTML 6Page - Texas Instruments CD74HCT4543 Datasheet HTML 7Page - Texas Instruments CD74HCT4543 Datasheet HTML 8Page - Texas Instruments CD74HCT4543 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CD74HCT4543
BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
SCHS281A – REVISED MAY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input diode current, IIK (VI < –0.5 V or VI > VCC + 0.5 V) ) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . .
Output diode current, IOK (VO < –0.5 V or VO > VCC + 0.5V) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . .
Continuous output source or sink current per output, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2)
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
At distance 1/16
± 1/32 in. (1.59 ± 0.79 mm) from case for 10 s maximum
265
°C
. . . . . . . . . . . . . . . . . . . . .
Unit inserted into a PC board (min. thickness 1/16 in., 1.59 mm)
with solder contacting lead tips only
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
–65 to 150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VCC
Supply voltage
4.5
5.5
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
2
V
VIL
Low-level input voltage
0.8
0.8
0.8
V
VI
Input voltage
VCC
VCC
VCC
V
VO
Output voltage
VCC
VCC
VCC
V
tt
Input transition (rise and fall) time
500
500
500
ns
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
CC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
VOH
VI =VIH or VIL
IOH = –20 µA
45 V
4.4
4.4
4.4
V
VOH
VI = VIH or VIL
IOH = –4 mA
4.5 V
3.98
3.7
3.84
V
VOL
VI =VIH or VIL
IOL = 20 µA
45 V
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.26
0.4
0.33
V
II
VI = VCC to GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or 0,
IO = 0
5.5 V
8
160
80
µA
∆ICC‡
One input at VCC – 2.1 V,
Other inputs at 0 or VCC
4.5 V to 5.5 V
100
360
490
450
µA
Ci
10
10
10
pF
‡ Additional quiescent supply current per input pin, TTL inputs high, 1 unit load. For dual-supply systems, theoretical worst-case
(VI = 2.4 V, VCC = 5.5 V) specification is 1.8 mA.


Similar Part No. - CD74HCT4543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4543 TI-CD74HCT4543 Datasheet
198Kb / 7P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(BCD-TO7 SEGMENT LATCH/DECODER/DRIVER FOR LCDS)
More results

Similar Description - CD74HCT4543

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4511B PHILIPS-HEF4511B Datasheet
108Kb / 11P
   BCD to 7-segment latch/decoder/driver
January 1995
logo
STMicroelectronics
M54HC4511 STMICROELECTRONICS-M54HC4511 Datasheet
269Kb / 13P
   BCD TO 7 SEGMENT LATCH/DECODER DRIVER
logo
Fairchild Semiconductor
CD4511BC FAIRCHILD-CD4511BC Datasheet
65Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
National Semiconductor ...
MM74HC4511 NSC-MM74HC4511 Datasheet
140Kb / 6P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
Nexperia B.V. All right...
HEF4543B NEXPERIA-HEF4543B Datasheet
239Kb / 13P
   BCD to 7-segment latch/decoder/driver
Rev. 8 - 24 November 2021
74HCT4511 NEXPERIA-74HCT4511 Datasheet
798Kb / 18P
   BCD to 7-segment latch/decoder/driver
Rev. 3 - 15 November 2016
logo
Toshiba Semiconductor
TC74HC4511AP TOSHIBA-TC74HC4511AP Datasheet
278Kb / 8P
   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVER
logo
NXP Semiconductors
HEF4543B NXP-HEF4543B_09 Datasheet
107Kb / 16P
   BCD to 7-segment latch/decoder/driver
Rev. 05-27 October 2009
HEF4543B PHILIPS-HEF4543B_15 Datasheet
230Kb / 17P
   BCD to 7-segment latch/decoder/driver
Rev. 6-17 November 2011
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
logo
NXP Semiconductors
HEF4543B PHILIPS-HEF4543B Datasheet
85Kb / 8P
   BCD to 7-segment latch/decoder/driver
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com