Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5140AEEVADJZ Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME5140AEEVADJZ
Description  1.6 MHz Boost Converter With 30V Internal FET Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5140AEEVADJZ Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME5140AEEVADJZ Datasheet HTML 7Page - Analog Microelectronics AME5140AEEVADJZ Datasheet HTML 8Page - Analog Microelectronics AME5140AEEVADJZ Datasheet HTML 9Page - Analog Microelectronics AME5140AEEVADJZ Datasheet HTML 10Page - Analog Microelectronics AME5140AEEVADJZ Datasheet HTML 11Page - Analog Microelectronics AME5140AEEVADJZ Datasheet HTML 12Page - Analog Microelectronics AME5140AEEVADJZ Datasheet HTML 13Page - Analog Microelectronics AME5140AEEVADJZ Datasheet HTML 14Page - Analog Microelectronics AME5140AEEVADJZ Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AME, Inc.
11
AME5140
1.6 MHz Boost Converter With
30V Internal FET Switch
Rev.G.01
n Application Hints
Feed-Forward Compensation
Although internally compensated, the feed-forward ca-
pacitor Cf is required for stability. Adding this capacitor
puts a zero in the loop response of the Converter. The
recommended frequency for the zero fz should be ap-
proximately 6kHz. Cf can be calculated using the for-
mula:
Cf = 1 / (2 x
π x R1 x fz)
Selecting Diodes
The external diode used in the typical application should
be a Schottky diode. A 20V diode such as the MBR0520
is recommended. The MBR05XX series of diodes are
designed to handle a maximum average current of 0.5A.
For applications exceeding 0.5A average but less than
1A, a Microsemi UPS5817 can be used.
Layout Hints
High frequency switching regulators require very care-
ful layout of components in order to get stable operation
and low noise. All components must be as close as pos-
sible to the AME5140 device. It is recommended that a
4-layer PCB be used so that internal ground planes are
available. As an example, a recommended layout of com-
ponents is shown:
Recommended PCB Component Layout (Top)
Layout Hints
Recommended PCB Component Layout (Bottom)
Some additional guidelines to be observed:
1. Keep the path between L1, D1, and C2 extremely
short. Parasitic trace inductance in series with D1 and C2
will increase noise and ringing.
2. The feedback components R1, R2 and CF must be
kept close to the FB pin of U1 to prevent noise injection
on the FB pin trace.
3. If internal ground planes are available use vias to con-
nect directly to ground at pin 2 of U1, as well as the nega-
tive sides of capacitors C1 and C2.
Duty Cycle
The maximum duty cycle of the switching regulator de-
termines the maximum boost ratio of output-to-input volt-
age that the converter can attain in mode of operation.
The duty cycle for a given boost application is defined as:
This applies for continuous mode operation.
V
OUT + VDIODE - VIN
V
OUT + VDIODE - VSW
D =


Similar Part No. - AME5140AEEVADJZ

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AAEEV AME-AME5142AAEEV Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AAEEY AME-AME5142AAEEY Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AEEV AME-AME5142AEEV Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AEEVADJY AME-AME5142AEEVADJY Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
More results

Similar Description - AME5140AEEVADJZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
   1.4MHz Boost Converter With 30V Internal FET Switch
logo
Taiwan Semiconductor Co...
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
   1.6MHz Boost Converter with 30V Internal FET Switch
logo
Integrated Silicon Solu...
IS31PW3500 ISSI-IS31PW3500 Datasheet
261Kb / 8P
   1.1MHZ BOOST CONVERTER WITH 30V INTERNAL FET SWITCH
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
logo
Texas Instruments
LM27313 TI-LM27313_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
logo
Analog Microelectronics
AME5145 AME-AME5145 Datasheet
193Kb / 23P
   1.6 MHz Boost Converter With
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com