Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5140AEVVADJZ3 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME5140AEVVADJZ3
Description  1.6 MHz Boost Converter With 30V Internal FET Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5140AEVVADJZ3 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME5140AEVVADJZ3 Datasheet HTML 1Page - Analog Microelectronics AME5140AEVVADJZ3 Datasheet HTML 2Page - Analog Microelectronics AME5140AEVVADJZ3 Datasheet HTML 3Page - Analog Microelectronics AME5140AEVVADJZ3 Datasheet HTML 4Page - Analog Microelectronics AME5140AEVVADJZ3 Datasheet HTML 5Page - Analog Microelectronics AME5140AEVVADJZ3 Datasheet HTML 6Page - Analog Microelectronics AME5140AEVVADJZ3 Datasheet HTML 7Page - Analog Microelectronics AME5140AEVVADJZ3 Datasheet HTML 8Page - Analog Microelectronics AME5140AEVVADJZ3 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AME, Inc.
1
AME5140
1.6 MHz Boost Converter With
30V Internal FET Switch
Rev.G.01
n Typical Application
l 30V DMOS FET Switch
l 1.6 MHz Switching Frequency
l Low R
DSON DMOS FET
l Switch Current Up to 1.8A
l Wide Input Voltage Range (2.7V-5.5V)
l Low Shutdown Current (<1
µA)
l SOT-25/TSOT-25, DFN-8(3mmx3mmx0.75mm) &
MSOP-8 Packages
l Uses Tiny Capacitors and Inductor
l Cycle-by-Cycle Current Limiting
l All AME's Lead Free Products Meet RoHS
Standards
The AME5140 switching regulator is current-mode boost
converters operating at fixed frequency of 1.6 MHz.
The use of SOT-25/TSOT-25, DFN-8(3mmx3mmx
0.75mm) & MSOP-8 packages, made possible by the
minimal power loss of the internal 1.8A switch, and use
of small inductor and capacitors result in the industry's
highest power density. The 30V internal switch makes
these solutions perfect for boosting to voltages up to 30V.
These parts have a logic-level shutdown pin that can
be used to reduce quiescent current and extend battery
life. Protection is provided through cycle-by-cycle cur-
rent limiting and thermal shutdown. Internal compensa-
tion simplifies and reduces component count.
l White LED Current Source
l PDA's and Palm-Top Computers
l Digital Cameras
l Portable Phones and Games
l Local Boost Regulator
n General Description
n Features
n Applications
L/6.8
µH
D1
GND
AME5140
GND
IN
EN
SW
FB
EN
C1
4.7
µF
R2
13.3K
R1
43K
CF
680pF
C2
22
µF
5V
800mA
V
OUT
R3
51K
V
IN
4.2V
Figure 1. 4.2V to 5V Boost Converter
L/10
µH
D1
GND
AME5140
GND
IN
EN
SW
FB
EN
C1
4.7
µF
R2
13.3K
R1
117K
CF
220pF
C2
4.7
µF
12V
400mA
V
OUT
R3
51K
V
IN
5V
Figure 2. 5V to 12V Boost Converter
L/10
µH
D1
GND
AME5140
GND
IN
EN
SW
FB
EN
C1
4.7
µF
R2
13.3K
R1
183K
CF
160pF
C2
4.7
µF
18V
250mA
V
OUT
R3
51K
V
IN
5V
Figure 3. 5V to 18V Boost Converter


Similar Part No. - AME5140AEVVADJZ3

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AAEEV AME-AME5142AAEEV Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AAEEY AME-AME5142AAEEY Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AEEV AME-AME5142AEEV Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AEEVADJY AME-AME5142AEEVADJY Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
More results

Similar Description - AME5140AEVVADJZ3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
   1.4MHz Boost Converter With 30V Internal FET Switch
logo
Taiwan Semiconductor Co...
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
   1.6MHz Boost Converter with 30V Internal FET Switch
logo
Integrated Silicon Solu...
IS31PW3500 ISSI-IS31PW3500 Datasheet
261Kb / 8P
   1.1MHZ BOOST CONVERTER WITH 30V INTERNAL FET SWITCH
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
logo
Texas Instruments
LM27313 TI-LM27313_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
logo
Analog Microelectronics
AME5145 AME-AME5145 Datasheet
193Kb / 23P
   1.6 MHz Boost Converter With
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com