Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F49L004BA-70N Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L004BA-70N
Description  4 Mbit (512K x 8) 3V Only CMOS Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L004BA-70N Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button F49L004BA-70N Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L004BA-70N Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L004BA-70N Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F49L004BA-70N Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F49L004BA-70N Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F49L004BA-70N Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F49L004BA-70N Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. F49L004BA-70N Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. F49L004BA-70N Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
EFST
preliminary
F49L004UA / F49L004BA
Elite Flash Storage Technology Inc.
Publication Date : Aug. 2003
Revision: 0.2
11/46
Reset Command
Writing the reset command to the device resets the
device to reading array data. Address bits are all don’t
cares for this command.
The reset command may be written between the
sequence cycles in an erase command sequence
before erasing begins. This resets the device to reading
array data. Once erasure begins, however, the device
ignores reset commands until the operation is complete.
The reset command may be written between the
sequence cycles in a program command sequence
before programming begins. This resets the device to
reading array data (also applies to programming in
Erase Suspend mode). Once programming begins,
however, the device ignores reset commands until the
operation is complete.
The reset command may be written between the
sequence cycles in an auto-select command sequence.
Once in the auto-select mode, the reset command must
be written to return to reading array data (also applies to
auto-select during Erase Suspend).
If DQ5 goes high(see “DQ5: Exceeded Timing Limits”
section) during a program or erase operation, writing
the reset command returns the device to reading array
data (also applies during Erase Suspend).
Read Command
The device is automatically set to reading array data
after device power-up. No commands are required to
retrieve data. The device is also ready to read array
data after completing an Embedded Program or
Embedded Erase algorithm.
When the device accepts an Erase Suspend command,
the device enters the Erase Suspend mode. The
system can read array data using the standard read
timings, except that if it reads an address within erase-
suspended sectors, the device outputs status data.
After completing a programming operation in the Erase
Suspend mode, the system may once again read array
data
with
the
same
exception.
See
“Erase
Suspend/Erase
Resume
Commands”
for
more
information on this mode.
The system must issue the reset command to re-enable
the device for reading array data if DQ5 goes high, or
while in the auto-select mode. See the “Reset
Command” section. See also the “Read Mode” in the
“Device Operations” section for more information. Refer
to Figure 5 for the timing diagram.
Program Command
The program command sequence programs one byte
into the device. Programming is a four-bus-cycle
operation. The program command sequence is initiated
by writing two unlock write cycles, followed by the
program set-up command. The program address and
data are written next, which in turn initiate the
Embedded Program algorithm. The system is not
required to provide further controls or timings. The
device automatically provides internally generated
program pulses and verifies the programmed cell
margin.
When the Embedded Program algorithm is complete,
the device then returns to reading array data and
addresses are no longer latched. The system can
determine the status of the program operation by using
DQ7, DQ6, or RY/BY . See “Write Operation Status”
section for more information on these status bits.
Any commands written to the device during the
Embedded Program Algorithm are ignored. Note that a
hardware
reset
immediately
terminates
the
programming operation. The Program command
sequence should be reinitiated once the device has
reset to reading array data, to ensure data integrity.
Programming is allowed in any sequence and across
sector boundaries. A bit cannot be programmed from a
“0” back to a “1”. Attempting to do so may halt the
operation and set DQ5 to “1”, or cause the Data Polling
algorithm to indicate the operation was successful.
However, a succeeding read will show that the data is
still “0”. Only erase operations can convert a “0” to a
“1”.
Chip Erase Command
Chip erase is a six-bus cycle operation. The chip erase
command sequence is initiated by writing two unlock
cycles, followed by a set-up command. Two additional
unlock write cycles are then followed by the chip erase
command, which in turn invokes the Embedded Erase
algorithm.
The device does not require the system to preprogram
prior to erase. The Embedded Erase algorithm
automatically preprograms and verifies the entire
memory for an all zero data pattern prior to electrical
erase.
Any commands written to the chip during the
Embedded Erase algorithm are ignored. Note that a
hardware reset during the chip erase operation
immediately terminates the operation. The Chip Erase
command sequence should be reinitiated once the
device has returned to reading array data, to ensure the
data integrity.


Similar Part No. - F49L004BA-70N

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A-90N ESMT-F49L040A-90N Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A-90T ESMT-F49L040A-90T Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results

Similar Description - F49L004BA-70N

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com