Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC42 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54HC42
Description  4-LINE TO 10-LINE DECODERS(1 OF 10)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC42 Datasheet(HTML) 4 Page - Texas Instruments

  SN54HC42_07 Datasheet HTML 1Page - Texas Instruments SN54HC42_07 Datasheet HTML 2Page - Texas Instruments SN54HC42_07 Datasheet HTML 3Page - Texas Instruments SN54HC42_07 Datasheet HTML 4Page - Texas Instruments SN54HC42_07 Datasheet HTML 5Page - Texas Instruments SN54HC42_07 Datasheet HTML 6Page - Texas Instruments SN54HC42_07 Datasheet HTML 7Page - Texas Instruments SN54HC42_07 Datasheet HTML 8Page - Texas Instruments SN54HC42_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54HC42, SN74HC42
4LINE TO 10LINE DECODERS (1 of 10)
SCLS091D − DECEMBER 1982 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54HC42
SN74HC42
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
2
5
6
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
4.2
V
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
1.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
1000
1000
∆t/∆v
Input transition rise/fall time
VCC = 4.5 V
500
500
ns
∆t/∆v
Input transition rise/fall time
VCC = 6 V
400
400
ns
TA
Operating free-air temperature
−55
125
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC42
SN74HC42
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
2 V to 6 V
3
10
10
10
pF


Similar Part No. - SN54HC42_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC42 TI-SN54HC42_06 Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
SN54HC42 TI-SN54HC42_08 Datasheet
703Kb / 16P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1of 10)
More results

Similar Description - SN54HC42_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54L42 TI-SN54L42 Datasheet
426Kb / 9P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1-OF-10)
logo
Raytheon Company
74LS43 RAYTHEON-74LS43 Datasheet
201Kb / 3P
   4-Line To 10-Line Decoders(1-of-10)
logo
Texas Instruments
SN54HC42 TI-SN54HC42_06 Datasheet
413Kb / 13P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1 OF 10)
SN54HC42 TI-SN54HC42 Datasheet
94Kb / 6P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS 1 of 10
logo
Raytheon Company
LS43 RAYTHEON-LS43 Datasheet
191Kb / 3P
   4-LINE To 10-Line Decoders
logo
Texas Instruments
SN54HC42 TI-SN54HC42_08 Datasheet
703Kb / 16P
[Old version datasheet]   4-LINE TO 10-LINE DECODERS (1of 10)
SN5442A TI-SN5442A Datasheet
213Kb / 7P
[Old version datasheet]   4-LINE BCD TO 10-LINE DECIMAL DECODERS
SN5442A TI1-SN5442A_11 Datasheet
224Kb / 7P
[Old version datasheet]   4-LINE BCD TO 10-LINE DECIMAL DECODERS
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
   1-OF-10 DECODERS
54154 NSC-54154 Datasheet
116Kb / 6P
   4-Line to 16-Line Decoders/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com