Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F49L004UA-70N Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # F49L004UA-70N
Description  4 Mbit (512K x 8) 3V Only CMOS Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F49L004UA-70N Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button F49L004UA-70N Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F49L004UA-70N Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F49L004UA-70N Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F49L004UA-70N Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F49L004UA-70N Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F49L004UA-70N Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F49L004UA-70N Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F49L004UA-70N Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F49L004UA-70N Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
EFST
preliminary
F49L004UA / F49L004BA
Elite Flash Storage Technology Inc.
Publication Date : Aug. 2003
Revision: 0.2
8/46
Temporary Sector Unprotect Mode
This feature allows temporary unprotection of previously
protected sector to change data in-system. This mode is
activated by setting the
ESET
R
pin to V
ID(11.5V-12.5V).
During this mode, all formerly protected sectors are un-
protected and can be programmed or erased by selecting
the sector addresses. Once V
ID is removed from the
ESET
R
pin, all the previously protected sectors are
protected again.
Notes:
1. All protected sectors unprotected.
2. All previously protected sectors are protected once again.
Start
RESET = VID (Note 1)
Perform Erase or
Program Operations
RESET = VIH
Temporary Sector
Unprotect Completed
(Note 2)


Similar Part No. - F49L004UA-70N

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A-90N ESMT-F49L040A-90N Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A-90T ESMT-F49L040A-90T Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results

Similar Description - F49L004UA-70N

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_08 Datasheet
464Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA_1 Datasheet
473Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
F49L800UA ESMT-F49L800UA Datasheet
416Kb / 47P
   8 Mbit (1M x 8/512K x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
   4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L160UA ESMT-F49L160UA_1 Datasheet
464Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L160UA ESMT-F49L160UA Datasheet
434Kb / 51P
   16 Mbit (2M x 8/1M x 16) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com