Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9984A Datasheet(PDF) 4 Page - Analog Devices

Part # AD9984A
Description  High Performance 10-Bit Display Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984A Datasheet(HTML) 4 Page - Analog Devices

  AD9984A Datasheet HTML 1Page - Analog Devices AD9984A Datasheet HTML 2Page - Analog Devices AD9984A Datasheet HTML 3Page - Analog Devices AD9984A Datasheet HTML 4Page - Analog Devices AD9984A Datasheet HTML 5Page - Analog Devices AD9984A Datasheet HTML 6Page - Analog Devices AD9984A Datasheet HTML 7Page - Analog Devices AD9984A Datasheet HTML 8Page - Analog Devices AD9984A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9984A
Rev. 0 | Page 4 of 44
AD9984AKSTZ-140
AD9984AKCPZ-140
AD9984AKSTZ-170
AD9984AKCPZ-170
Parameter
Temp
Test
Level1
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
VD Supply Voltage
Full
IV
1.7
1.8
1.9
1.755
1.8
1.9
V
VDD Supply Voltage
Full
IV
1.7
3.3
3.47
1.7
3.3
3.47
V
PVD Supply Voltage
Full
IV
1.7
1.8
1.9
1.7
1.8
1.9
V
DAVDD Supply Voltage
Full
IV
1.7
1.8
1.9
1.7
1.8
1.9
V
VD Supply Current (ID)
25
°C
V
250
255
mA
VDD Supply Current (IDD)
25
°C
V
31
34
mA
PVD Supply Current (IPVD)
25
°C
V
9
9
mA
DAVDD Supply Current (IDAVDD)
25
°C
V
16
19
mA
Total Power Dissipation
Full
VI
710
740
mW
Power-Down Supply Current
Full
VI
10
10
mA
Power-Down Dissipation
Full
VI
18
18
mW
DYNAMIC PERFORMANCE
Analog Bandwidth, Full Power
25°C
V
300
300
MHz
Crosstalk
Full
V
60
60
dBc
1 See the Explanation of Test Levels section.
2 Guaranteed by design, not production tested.


Similar Part No. - AD9984A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
More results

Similar Description - AD9984A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9981 AD-AD9981 Datasheet
972Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
   High Performance 10-Bit Display Interface
REV. 0
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
   High Performance 8-Bit Display Interface
REV. 0
AD9983A AD-AD9983A Datasheet
784Kb / 44P
   High Performance 8-Bit Display Interface
Rev. PrA
AD9750 AD-AD9750_15 Datasheet
297Kb / 22P
   10-Bit, 125 MSPS High Performance
REV. 0
logo
Microchip Technology
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
PIC18CXX2 MICROCHIP-PIC18CXX2_01 Datasheet
4Mb / 305P
   High Performance Microcontrollers with 10-bit A/D
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com