Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3691 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3691
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA3691 Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA3691 Datasheet HTML 16Page - Texas Instruments OPA3691 Datasheet HTML 17Page - Texas Instruments OPA3691 Datasheet HTML 18Page - Texas Instruments OPA3691 Datasheet HTML 19Page - Texas Instruments OPA3691 Datasheet HTML 20Page - Texas Instruments OPA3691 Datasheet HTML 21Page - Texas Instruments OPA3691 Datasheet HTML 22Page - Texas Instruments OPA3691 Datasheet HTML 23Page - Texas Instruments OPA3691 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
OPA2674
SBOS270A − AUGUST 2003 − REVISED MAY 2006
www.ti.com
20
inductance can have a major effect on circuit performance.
A SPICE model for the OPA2674 is available through the
TI web site (www.ti.com). This model does a good job of
predicting small-signal AC and transient performance
under a wide variety of operating conditions, but does not
do as well in predicting the harmonic distortion or dG/dP
characteristics. This model does not attempt to distinguish
between
the
package
types
in
small-signal
AC
performance, nor does it attempt to simulate channel-to-
channel coupling.
OPERATING SUGGESTIONS
SETTING RESISTOR VALUES TO OPTIMIZE
BANDWIDTH
A current-feedback op amp such as the OPA2674 can hold
an almost constant bandwidth over signal gain settings
with the proper adjustment of the external resistor values,
which are shown in the Typical Characteristics; the
small-signal bandwidth decreases only slightly with
increasing gain. These characteristic curves also show
that the feedback resistor is changed for each gain setting.
The resistor values on the inverting side of the circuit for a
current-feedback op amp can be treated as frequency
response compensation elements, whereas the ratios set
the signal gain. Figure 10 shows the small-signal
frequency response analysis circuit for the OPA2674.
V
O
R
G
V
I
R
I
Z
(S) IERR
α
R
F
I
ERR
Figure 10. Current-Feedback Transfer Function
Analysis Circuit
The key elements of this current-feedback op amp model
are:
α = buffer gain from the noninverting input to the
inverting input
RI = buffer output impedance
IERR = feedback error current signal
Z(s) = frequency dependent open-loop transimpe-
dance gain from IERR to VO
NG
+ NoiseGain + 1 )
R
F
R
G
The buffer gain is typically very close to 1.00 and is normal-
ly neglected from signal gain considerations. This gain,
however, sets the CMRR for a single op amp differential
amplifier configuration. For a buffer gain of
α < 1.0, the
CMRR = −20
• log(1 − α)dB.
RI, the buffer output impedance, is a critical portion of the
bandwidth control equation. The OPA2674 inverting
output impedance is typically 22
Ω.
A current-feedback op amp senses an error current in the
inverting node (as opposed to a differential input error
voltage for a voltage-feedback op amp) and passes this on
to the output through an internal frequency dependent
transimpedance gain. The Typical Characteristics show
this open-loop transimpedance response, which is
analogous to the open-loop voltage gain curve for a
voltage-feedback op amp. Developing the transfer
function for the circuit of Figure 10 gives Equation 14:
V
O
V
I
+
a 1 )
R
F
R
G
1
)
R
F)
R
I
1
)
R
F
R
G
Z(s)
+ a
NG
1
)
R
F)
R
I
NG
Z(s)
This is written in a loop-gain analysis format, where the
errors arising from a non-infinite open-loop gain are shown
in the denominator. If Z(s) were infinite over all frequen-
cies, the denominator of Equation 14 reduces to 1 and the
ideal desired signal gain shown in the numerator is
achieved. The fraction in the denominator of Equation 14
determines the frequency response. Equation 15 shows
this as the loop-gain equation:
Z(s)
R
F
) R
I
NG
+ LoopGain
If 20 log(RF + NG × RI) is drawn on top of the open-loop
transimpedance plot, the difference between the two
would be the loop gain at a given frequency. Eventually,
Z(s) rolls off to equal the denominator of Equation 15, at
which point the loop gain has reduced to 1 (and the curves
have intersected). This point of equality is where the
amplifier closed-loop frequency response given by
Equation 14 starts to roll off, and is exactly analogous to
the frequency at which the noise gain equals the open-loop
voltage gain for a voltage-feedback op amp. The
difference here is that the total impedance in the
denominator of Equation 15 may be controlled somewhat
separately from the desired signal gain (or NG). The
OPA2674 is internally compensated to give a maximally
flat frequency response for RF = 402Ω at NG = 4 on ±6V
(14)
(15)


Similar Part No. - OPA3691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3691 TI-OPA3691 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 TI1-OPA3691 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3691 TI-OPA3691 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA3691 TI1-OPA3691 Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
OPA3691 TI-OPA3691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA3691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com