Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3691 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA3691
Description  Dual Wideband, High Output Current Operational Amplifier with Current Limit
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA3691 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA3691 Datasheet HTML 4Page - Texas Instruments OPA3691 Datasheet HTML 5Page - Texas Instruments OPA3691 Datasheet HTML 6Page - Texas Instruments OPA3691 Datasheet HTML 7Page - Texas Instruments OPA3691 Datasheet HTML 8Page - Texas Instruments OPA3691 Datasheet HTML 9Page - Texas Instruments OPA3691 Datasheet HTML 10Page - Texas Instruments OPA3691 Datasheet HTML 11Page - Texas Instruments OPA3691 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
OPA2674
SBOS270A − AUGUST 2003 − REVISED MAY 2006
www.ti.com
8
TYPICAL CHARACTERISTICS: VS = ±6V (continued)
At TA = +25°C, G = +4, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
NONINVERTING PULSE RESPONSE
Time (5ns/div)
4V
PP
G= +4
R
L = 100Ω
200mV
PP
Left Scale
Large Signal
Right Scale
Small Signal
SeeFigure1
NONINVERTING PULSE RESPONSE
Time (5ns/div)
4V
PP
G= +4
R
L = 100Ω
200mV
PP
Left Scale
Large Signal
Right Scale
Small Signal
SeeFigure1
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.1
1
20
10
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
G= +4
V
O =2VPP
R
L = 100Ω
Single Channel, See Figure 1
2nd−Harmonic
3rd−Harmonic
HARMONIC DISTORTION vs OUTPUT VOLTAGE
Output Voltage (V
PP)
0.1
1
10
−50
−60
−70
−80
−90
−100
f= 5MHz
R
L =100Ω
2nd−Harmonic
3rd−Harmonic
Single Channel, See Figure 1
HARMONIC DISTORTION vs NONINVERTING GAIN
Gain Magnitude (V/V)
1
−60
−65
−70
−75
−80
−85
−90
10
V
O =2VPP
f= 5MHz
R
L =100Ω
2nd−Harmonic
3rd−Harmonic
Single Channel, See Figure 1
HARMONIC DISTORTION vs INVERTING GAIN
Gain Magnitude (
−V/V)
1
−60
−65
−70
−75
−80
−85
−90
10
V
O =2VPP
f= 5MHz
R
L =100Ω
2nd−Harmonic
3rd−Harmonic
Single Channel, See Figure 2


Similar Part No. - OPA3691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3691 TI-OPA3691 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 TI1-OPA3691 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA3691 TI-OPA3691 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA3691 TI1-OPA3691 Datasheet
1Mb / 39P
[Old version datasheet]   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIE
OPA3691 TI-OPA3691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA3691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Wideband, High Output Current Operational Amplifier with Current Limit
OPA2613 TI-OPA2613 Datasheet
376Kb / 27P
[Old version datasheet]   Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
logo
Burr-Brown (TI)
OPA2674 BURR-BROWN-OPA2674 Datasheet
472Kb / 10P
   Dual Wideband, High Output Current Operational Amplifier with Current Limit
logo
Texas Instruments
OPA2677IDDA TI1-OPA2677IDDA Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
OPA2677 TI1-OPA2677 Datasheet
1Mb / 38P
[Old version datasheet]   Dual, Wideband, High Output Current Operational Amplifier
logo
Burr-Brown (TI)
OPA2677 BURR-BROWN-OPA2677 Datasheet
138Kb / 12P
   Dual, Wideband, High Output Current OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS617 STMICROELECTRONICS-TS617 Datasheet
339Kb / 19P
   Dual wideband high output current operational amplifier
November 2008 Rev 1
logo
Texas Instruments
OPA2614ID TI-OPA2614ID Datasheet
727Kb / 34P
[Old version datasheet]   Dual, High Gain Bandwidth, High Output Current Operational Amplifier with Current Limit
logo
National Semiconductor ...
LH4101 NSC-LH4101 Datasheet
151Kb / 5P
   WIDEBAND HIGH CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com