Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3VDP411LSTZDE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LSTZDE
Description  Digital Video Level Shifter for dual mode DP signals w/ inverting buffer for HPD signal
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LSTZDE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI3VDP411LSTZDE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP411LSTZDE Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
PS8906A
08/28/07
PI3VDP411LST
Digital Video Level Shifter for dual mode DP
signals w/ inverting buffer for HPD signal
Table 5: Differential Input Characteristics for IN_D and RX_IN signals
Symbol
Parameter
Min
Nom Max
Units Comments
Tbit
Unit Interval
360
ps
Tbit is determined by the display mode. Nom-
inal bit rate ranges from 250Mbps to 2.5Gbps
per lane. Nominal Tbit at 2.5 Gbps=400ps.
360ps=400ps-10%
VRX-DIFFp-p Differential Input Peak
to Peak Voltage
0.175
1.200 V
VRX-DIFFp-p=2'|VRX-D+ x VRX-D-|
Applies to IN_D and RX_IN signals
TRX-EYE
Minimum Eye Width at
IN_D input pair
0.8
Tbit
The level shifter may add a maximum of
0.02UI jitter
VCM-AC-pp AC Peak
Common Mode Input
Voltage
100
mV
VCM-AC-pp = |VRX-D+ + VRX-D-|/2
- VRX-CM-DC.
VRX-CM-DC = DC(avg) of|VRX-D+ +
VRX-D-|/2
VCM-AC-pp includes all frequencies
above 30 kHz.
ZRX-DC
40
50
60
Ω
Required IN_D+ as well as IN_D- DC
impedance (50
Ω ± 20% tolerance).
VRX-Bias
0
2.0
V
Intended to limit power-up stress on
chipset's PCIE output buffers.
ZRX-HIGH-Z
100
k
Ω
Differential inputs must be in a high im-
pedance state when OE# is HIGH.
07-0191


Similar Part No. - PI3VDP411LSTZDE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3VDP411LS PERICOM-PI3VDP411LS Datasheet
439Kb / 11P
   Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
PI3VDP411LSA PERICOM-PI3VDP411LSA Datasheet
635Kb / 13P
   Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
logo
Diodes Incorporated
PI3VDP411LSR DIODES-PI3VDP411LSR Datasheet
616Kb / 10P
   Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
08/23/11
PI3VDP411LSRZBE DIODES-PI3VDP411LSRZBE Datasheet
616Kb / 10P
   Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
08/23/11
logo
Pericom Semiconductor C...
PI3VDP411LSZBE PERICOM-PI3VDP411LSZBE Datasheet
594Kb / 13P
   Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
More results

Similar Description - PI3VDP411LSTZDE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
   Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_16 Datasheet
81Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter
July, 2016 ??Rev. 18
NL17SHT04 ONSEMI-NL17SHT04 Datasheet
103Kb / 5P
   Inverting Buffer CMOS Logic Level Shifter
August, 2011 ??Rev. 0
MC74VHC1GT04DT1G ONSEMI-MC74VHC1GT04DT1G Datasheet
127Kb / 6P
   Inverting Buffer CMOS Logic Level Shifter
February, 2013 ??Rev. 16
MC74VHC1GT04 ONSEMI-MC74VHC1GT04 Datasheet
186Kb / 8P
   Inverting Buffer/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
Chrontel, Inc.
CH7530A CHRONTEL-CH7530A Datasheet
211Kb / 7P
   CH7530A DP Level Shifter
Rev 1.3
logo
Pericom Semiconductor C...
PI3VST01 PERICOM-PI3VST01 Datasheet
740Kb / 7P
   HPD signal Generator for VGA
logo
Keysight Technologies
N7623B KEYSIGHT-N7623B Datasheet
1Mb / 12P
   Signal Studio for Digital Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com