Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZX84C2V4 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part No. BZX84C2V4
Description  Surface mount Silicon Planar Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIOTEC [Diotec Semiconductor]
Homepage  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZX84C2V4 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BZX84C2V4 Datasheet HTML 1Page - Diotec Semiconductor BZX84C2V4 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZX84C2V4 ... BZX84C47 (300 mW)
Maximum ratings
Grenzwerte
Type
Typ
Code
Zener voltage 2)
Zener-Spanng. 1)
IZ = 5 mA
Dynamic resistance
Inhär. diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-spanng.
Reverse voltage
Sperrspannung
VR at/bei IR
Z-current 3)
Z-Strom 2)
TA = 50°C
BZX84
Vzmin [V] Vzmax [V] IZ = 5 mA IZ = 1 mA
αVZ [10-4/°C]
VR [V]
IR [µA]
IZmax [mA]
...C2V4
Z11
2.2
2.6
< 85
< 600
-8...-5
1
20
115
...C2V7
Z12
2.5
2.9
< 85
< 600
-8...-5
1
20
103
...C3V0
Z13
2.8
3.2
< 85
< 600
-8...-5
1
10
94
...C3V3
Z14
3.1
3.5
< 85
< 600
-8...-5
1
5
86
...C3V6
Z15
3.4
3.8
< 85
< 600
-8...-5
1
5
79
...C3V9
Z16
3.7
4.1
< 85
< 600
-8...-5
1
3
73
...C4V3
W9
4.0
4.6
< 80
< 600
-7...-4
1
3
65
...C4V7
Z1
4.4
5.0
< 80
< 500
-5...-2
2
3
60
...C5V1
Z2
4.8
5.4
< 60
< 480
-2...+2
2
2
56
...C5V6
Z3
5.2
6.0
< 40
< 400
-1...+4
2
1
50
...C6V2
Z4
5.8
6.6
< 10
< 150
+2...+5
4
3
45
...C6V8
Z5
6.4
7.2
< 15
< 80
+3...+6
4
2
42
...C7V5
Z6
7.0
7.9
< 15
< 80
+3...+6
5
1
38
...C8V2
Z7
7.7
8.7
< 15
< 80
+4...+7
5
0.7
34
...C9V1
Z8
8.5
9.6
< 15
< 100
+4...+7
6
0.5
31
...C10
Z9
9.4
10.6
< 20
< 150
+5...+8
7
0.2
28
...C11
Y1
10.4
11.6
< 20
< 150
+5...+8
8
0.1
26
...C12
Y2
11.4
12.7
< 25
< 150
+5...+8
8
0.1
24
...C13
Y3
12.4
14.1
< 30
< 170
+6...+9
8
0.1
21
...C15
Y4
13.8
15.6
< 30
< 200
+6...+9
10.5
0.05
19
...C16
Y5
15.3
17.1
< 40
< 200
+6...+9
11.2
0.05
18
...C18
Y6
16.8
19.1
< 45
< 225
+6...+9
12.6
0.05
16
...C20
Y7
18.8
21.2
< 55
< 225
+6...+9
14.0
0.05
14
...C22
Y8
20.8
23.3
< 55
< 250
+7...+10
15.4
0.05
13
...C24
Y9
22.8
25.6
< 70
< 250
+7...+10
16.8
0.05
12
IZ =
2 mA
2 mA
2 mA
0.5 mA
...C27
Y10
25.1
28.9
< 80
< 300
+7...+10
18.9
0.05
10
...C30
Y11
28
32
< 80
< 300
+7...+10
21.0
0.05
9
...C33
Y12
31
35
< 80
< 325
+7...+10
23.1
0.05
9
...C36
Y13
34
38
< 90
< 350
+7...+10
25.1
0.05
8
...C39
Y14
37
41
< 130
< 350
+7...+10
27.3
0.05
7
...C43
Y15
40
46
< 150
< 375
+7...+10
30.1
0.05
7
...C47
Y16
44
50
< 170
< 375
+7...+10
32.9
0.05
6
2
Tested with pulses tp = 5 ms – Gemessen mit Impulsen tp = 5 ms
3
Mounted on P.C. board with 3 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2BZX84C3V0_07Surface mount Silicon Planar Dual Zener Diodes 1 2 Diotec Semiconductor
BZT52C3V0Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage 1 2 Diotec Semiconductor
3SMAJ5913B3.0 Watt Surface Mount Silicon Zener Diodes 1 2 3 4 Micro Commercial Components
CZRW55C2V4-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
1SMA4741_11.0 Watts Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd
1SMA5926Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd
1SMA5926_11.5 Watts Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd
1SMB59263.0 Watts Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd
CZRT5221-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
CZRT55C2V4-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn