Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT52C3V0 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part No. BZT52C3V0
Description  Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIOTEC [Diotec Semiconductor]
Homepage  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZT52C3V0 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BZT52C3V0 Datasheet HTML 1Page - Diotec Semiconductor BZT52C3V0 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZT52C3V0 ... BZT52C75 (500 mW)
BZT52C3V0 ... BZT52C75 (500 mW)
Surface mount Silicon Planar Zener Diodes
Silizium-Planar-Zener-Dioden für die Oberflächenmontage
Version 2006-12-04
Dimensions - Maße [mm]
Maximum power dissipation
Maximale Verlustleistung
500 mW
Nominal Z-voltage
Nominale Z-Spannung
3...75 V
Plastic case
Kunststoffgehäuse
SOD-123
Weight approx.
Gewicht ca.
0.01 g
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Standard Zener voltage tolerance is graded to the international E 24 (~ ±5%) standard.
Other voltage tolerances and higher Zener voltages on request.
Die Toleranz der Zener-Spannung ist in der Standard-Ausführung gestuft nach der internationalen
Reihe E 24 (~ ±5%). Andere Toleranzen oder höhere Arbeitsspannungen auf Anfrage.
Maximum ratings and Characteristics
Grenz- und Kennwerte
BZT52-series
Power dissipation – Verlustleistung
TA = 25°C
Ptot
500 mW 1)
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 300 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 240 K/W
Zener voltages see table on next page – Zener-Spannungen siehe Tabelle auf der nächsten Seite
Marking – Stempelung (alternative)
BZT52C2V4 = MH, WX, 4C
BZT52C6V2 = NA, WA, 4R
BZT52C16 = NN, WK, 5H
BZT52C43 = WU, 6A
BZT52C2V7 = MJ, W1, 4D
BZT52C6V8 = NB, WB, 4X
BZT52C18 = NP, WL, 5J
BZT52C47 = WV, 6B
BZT52C3V0 = MK, W2, 4E
BZT52C7V5 = NC, WC, 4Y
BZT52C20 = NR, WM, 5K
BZT52C51 = WW, 6C
BZT52C3V3 = MM, W3, 4F
BZT52C8V2 = ND, WD, 4Z
BZT52C22 = NX, WN, 5M
BZT52C56 = 6D
BZT52C3V6 = MN, W4, 4H
BZT52C9V1 = NE, WE, 5A
BZT52C24 = NY, WO, 5N
BZT52C62 = 6E
BZT52C3V9 = MP, W5, 4J
BZT52C10 = NE, WF, 5B
BZT52C27 = NZ, WP, 5P
BZT52C68 = 6F
BZT52C4V3 = MR, W6, 4K
BZT52C11 = NH, WG, 5C
BZT52C30 = PA, WQ, 5R
BZT52C75 = 6H
BZT52C4V7 = MX, W7, 4M
BZT52C12 = NJ, WH, 5D
BZT52C33 = PB, WR, 5X
BZT52C5V1 = MY, W8, 4N
BZT52C13 = NK, WI, 5E
BZT52C36 = PC, WS, 5Y
BZT52C5V6 = MZ, W9, 4P
BZT52C15 = NM, WJ, 5F
BZT52C39 = PD, WT, 5Z
1
Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad an jedem Anschluss)
© Diotec Semiconductor AG
http://www.diotec.com/
1
0.6
3.8
2.7
0.1
Type
Code


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2BZX84C3V0_07Surface mount Silicon Planar Dual Zener Diodes 1 2 Diotec Semiconductor
3SMAJ5913B3.0 Watt Surface Mount Silicon Zener Diodes 1 2 3 4 Micro Commercial Components
MMBT5400Surface Mount General Purpose Si-Epi-Planar Transistors Si-Epi-Planar Universaltransistoren fur die Oberflahenmontage 1 2 Diotec Semiconductor
CZRT55C2V4-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
CZRW5221B-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
CZRW55C2V4-GSurface Mount Zener Diodes 1 2 3 4 Comchip Technology
1SMA4741_11.0 Watts Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd
1SMA5926Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd
1SMA5926_11.5 Watts Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd
1SMB59263.0 Watts Surface Mount Silicon Zener Diode 1 2 3 4 Taiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn