Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFP-250-50RM Datasheet(PDF) 2 Page - Anaren Microwave

Part # RFP-250-50RM
Description  Flanged Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

RFP-250-50RM Datasheet(HTML) 2 Page - Anaren Microwave

  RFP-250-50RM Datasheet HTML 1Page - Anaren Microwave RFP-250-50RM Datasheet HTML 2Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model RFP-250-50RM
Typical Performance
2
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Power Derating
Suggested Mounting Procedures
MIN.
.025
(2 PLACES)
SUGGESTED STRESS RELIEF METHODS
BOARD LOWER
THAN LEAD.
WITH LEAD.
BOARD EVEN
SCALE:
1. Make sure that the devices are mounted on flat surfaces
(.001” under the device) to optimize the heat transfer.
2. Drill & tap the heatsink for the appropriate thread size to
be used.
3. Coat heatsink with a minimum amount of high quality
silicone grease (.001” max. thickness).
4. Position device on mounting surface and secure using
socket head screws, flat & split washers. Torque screws to
the appropriate value. Make sure that the device is flat
against the heatsink. (Care should be taken to avoid
upward pressure of the leads towards the lid).
5. Solder leads in place using an SN63 type solder with a
controlled temperature iron (210°C).
SCALE:
BOARD HIGHER
THAN LEAD.
THAN LEAD.
BOARD LOWER
NOT RECOMMENDED APPLICATION
CASE TEMPERATURE — °C
150
125
100
75
50
25
100
75
25
50
0


Similar Part No. - RFP-250-50RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFP-250-50N-C ETC1-RFP-250-50N-C Datasheet
110Kb / 2P
   Cable & Coaxial Terminations
More results

Similar Description - RFP-250-50RM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFP-250-100RM ETC1-RFP-250-100RM Datasheet
523Kb / 2P
   Flanged Resistors
logo
Anaren Microwave
RFP-250-200RM ANAREN-RFP-250-200RM Datasheet
529Kb / 2P
   Flanged Resistors
RFP-20-50RP ANAREN-RFP-20-50RP Datasheet
509Kb / 2P
   Flanged Resistors
RFP-20-100RP ANAREN-RFP-20-100RP Datasheet
508Kb / 2P
   Flanged Resistors
RFP-40-50RE ANAREN-RFP-40-50RE Datasheet
505Kb / 2P
   Flanged Resistors
RFP-50-100RCG ANAREN-RFP-50-100RCG Datasheet
512Kb / 2P
   Flanged Resistors
RFP-150-100RL ANAREN-RFP-150-100RL Datasheet
518Kb / 2P
   Flanged Resistors
logo
List of Unclassifed Man...
TFR010 ETC-TFR010 Datasheet
509Kb / 1P
   RF FLANGED POWER RESISTORS
logo
Anaren Microwave
RFP-150-XXXRL-S ANAREN-RFP-150-XXXRL-S Datasheet
224Kb / 2P
   Flanged Resistors 150 Watts
RFP-400-100R ANAREN-RFP-400-100R Datasheet
513Kb / 2P
   Flanged Resistors 400 Watts, 100ohm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com