Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3220S Datasheet(PDF) 7 Page - International Rectifier

Part # IR3220S
Description  FULLY PROTECTED H-BRIDGE FOR D.C. MOTOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3220S Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3220S Datasheet HTML 3Page - International Rectifier IR3220S Datasheet HTML 4Page - International Rectifier IR3220S Datasheet HTML 5Page - International Rectifier IR3220S Datasheet HTML 6Page - International Rectifier IR3220S Datasheet HTML 7Page - International Rectifier IR3220S Datasheet HTML 8Page - International Rectifier IR3220S Datasheet HTML 9Page - International Rectifier IR3220S Datasheet HTML 10Page - International Rectifier IR3220S Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
IR3220S
WWW.IRF.COM
7
Thermal Characteristics
Symbol
Parameter
Typ.
Max.
Units
Rth 1
Junction to ambient thermal resistance (std footprint)
80
Rth 2
Junction to ambient thermal resistance (1" sq. footprint)
60
°C/W
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are referenced to Gnd lead. (TAmbient = 25
oC unless otherwise specified). Symbols with (2) refer to M2 output.
Symbol
Parameter
Min.
Max.
Units
Vm1 (2)
Maximum M1 (M2) voltage (active clamp)
Vcc-37 Vcc+0.3
Vin1 (2)
Maximum IN 1 (IN 2) voltage
-0.3
5.5
Vcc/gnd
Maximum Vcc pin to GND pin voltage
-0.3
45
I in1 (2)
Maximum IN1 (IN 2) current
-1
10
mA
Vg1 (2)
Maximum Gate 1 ( Gate 2 ) voltage
-0.3
7.5
Vss
Maximum SS voltage
-0.3
5.5
Vrc
Maximum Vrc voltage
-0.3
5.5
Irc
Maximum output current of the Vrc pin
1
mA
Vdg
Maximum diagnostic output voltage
-0.3
5.5
V
Idg
Maximum diagnostic output current
-1
10
mA
Isd cont.
Diode max. permanent current
(Rth=80°C/W) (1)
2.0
(Rth=60°C/W) (1)
3.0
Isd pulsed
Diode max. pulsed current
(1)
15
ESD 1
Electrostatic discharge ( human body model C=100pF, R=1500
Ω)
4
ESD 2
Electrostatic discharge ( machine model C=200pF, R=0
Ω, L=10µH)
0.5
PD
Maximum power dissipation ( Rth = 80°C/W )
1.5
W
TJ max.
Max. storage & operating junction temperature
-40
+150
TL
Lead temperature ( soldering 10 seconds )
300
Vcc/gnd max.
Maximum Vcc to GND voltage (0.4 s - single pulse)
60
V
Ig1 (2) max.
Maximum transient gate current (Ton < 5
µS)
100
Ig1 (2) avg.
Maximum average gate current
10
V
V
A
°C
(1) Limited by junction temperature.
Absolute Maximum Ratings
kV
mA


Similar Part No. - IR3220S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3220 IRF-IR3220 Datasheet
395Kb / 10P
   FULLY PROTECTED H-BRIDGE FOR D.C. MOTOR
More results

Similar Description - IR3220S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3220 IRF-IR3220 Datasheet
395Kb / 10P
   FULLY PROTECTED H-BRIDGE FOR D.C. MOTOR
IR3221 IRF-IR3221 Datasheet
96Kb / 10P
   FULLY PROTECTED H-BRIDGE for DC MOTOR
logo
STMicroelectronics
VNH3SP30 STMICROELECTRONICS-VNH3SP30 Datasheet
222Kb / 26P
   FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
March 2019 Rev 5
VNH7040AY STMICROELECTRONICS-VNH7040AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
May 2017 Rev 5
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
   Automotive fully integrated H-bridge motor driver
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
   Automotive fully integrated H-bridge motor driver
March 2017 Rev 2
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 4
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
   Automotive fully integrated H-bridge motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com