Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4316PWTE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74HC4316PWTE4
Description  High-Speed CMOS Logic Quad Analog Switch with Level Translation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4316PWTE4 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC4316PWTE4 Datasheet HTML 1Page - Texas Instruments CD74HC4316PWTE4 Datasheet HTML 2Page - Texas Instruments CD74HC4316PWTE4 Datasheet HTML 3Page - Texas Instruments CD74HC4316PWTE4 Datasheet HTML 4Page - Texas Instruments CD74HC4316PWTE4 Datasheet HTML 5Page - Texas Instruments CD74HC4316PWTE4 Datasheet HTML 6Page - Texas Instruments CD74HC4316PWTE4 Datasheet HTML 7Page - Texas Instruments CD74HC4316PWTE4 Datasheet HTML 8Page - Texas Instruments CD74HC4316PWTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Control Input Leakage
Current
II
VCC or
GND
-
0
5.5
-
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
IO = 0
ICC
Any
Voltage
Be-
tween
VCCand
GND
When
VIS =VEE,
VOS =
VCC,
When
VIS =VCC,
VOS =VEE
0
5.5
-
-
8
-
80
-
160
µA
-4.5
5.5
-
-
16
-
160
-
320
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
HCT Input Loading Table
INPUT
UNIT LOADS
All
0.5
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.,
360
µA max at 25oC.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
VI (V)
VIS (V)
VEE (V) VCC (V)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VEE
(V)
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
Propagation Delay,
Switch In to Out
tPLH, tPHL
CL = 50pF
0
2
-
-
60
-
75
-
90
ns
0
4.5
-
-
12
-
15
-
18
ns
0
6
-
-
10
-
13
-
15
ns
-4.5
4.5
-
-
8
-
10
-
12
ns
Turn “ON” Time E to Out
tPZH, tPZL
CL = 50pF
0
2
-
-
205
-
255
-
310
ns
0
4.5
-
-
41
-
51
-
62
ns
0
6
-
-
35
-
43
-
53
ns
-4.5
4.5
-
-
37
-
47
-
56
ns
CL = 15pF
-
5
-
17
-----
ns
Turn “ON” Time nS to Out
tPZH, tPZL
CL = 50pF
0
2
-
-
175
-
220
-
265
ns
0
4.5
-
-
35
-
44
-
53
ns
0
6
-
-
30
-
37
-
45
ns
-4.5
4.5
-
-
34
-
43
-
51
ns
CL = 15pF
-
5
-
14
-----
ns
Turn “OFF” Time E to Out
tPLZ, tPHZ
CL = 50pF
0
2
-
-
205
-
255
-
310
ns
0
4.5
-
-
41
-
51
-
62
ns
0
6
-
-
35
-
43
-
53
ns
-4.5
4.5
-
-
37
-
47
-
56
ns
CL = 15pF
-
5
-
17
-----
ns
CD54HC4316, CD74HC4316, CD74HCT4316
CD54HC4316, CD74HC4316, CD74HCT4316


Similar Part No. - CD74HC4316PWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316PWTE4 TI-CD74HC4316PWTE4 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD74HC4316PWTE4 TI-CD74HC4316PWTE4 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
More results

Similar Description - CD74HC4316PWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4316 TI-CD74HC4316 Datasheet
58Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316 Datasheet
362Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_08 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI1-CD54HC4316_14 Datasheet
967Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_06 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
logo
ELM Technology Corporat...
ELM7SH66XB ELM-TECH-ELM7SH66XB Datasheet
332Kb / 4P
   HIGH SPEED CMOS LOGIC IC Analog switch
logo
Texas Instruments
CD54HC4066 TI-CD54HC4066 Datasheet
291Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI1-CD74HC4016_14 Datasheet
631Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD74HC4016 TI-CD74HC4016_07 Datasheet
306Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
CD54HC4066 TI-CD54HC4066_08 Datasheet
478Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Bilateral Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com