Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT60142F Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. AT60142F
Description  Rad Hard 512K x 8 Very Low Power CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT60142F Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT60142F Datasheet HTML 2Page - ATMEL Corporation AT60142F Datasheet HTML 3Page - ATMEL Corporation AT60142F Datasheet HTML 4Page - ATMEL Corporation AT60142F Datasheet HTML 5Page - ATMEL Corporation AT60142F Datasheet HTML 6Page - ATMEL Corporation AT60142F Datasheet HTML 7Page - ATMEL Corporation AT60142F Datasheet HTML 8Page - ATMEL Corporation AT60142F Datasheet HTML 9Page - ATMEL Corporation AT60142F Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
AT60142F/FT
4408A–AERO–02/05
AC Characteristics
Temperature Range:................................................ -55 +125
°C
Supply Voltage:........................................................ 3.3 +0.3V
Input Pulse Levels: .................................................. GND to 3.0V
Input Rise and Fall Times: ....................................... 3ns (10 - 90%)
Input and Output Timing Reference Levels: ............ 1.5V
Output Loading I
OL/IOH: ............................................ See Figure 1
Figure 1. AC Test Loads Waveforms
Data Retention Mode
Atmel CMOS RAM's are designed with battery backup in mind. Data retention voltage
and supply current are guaranteed over temperature. The following rules insure data
retention:
1.
During data retention chip select CS must be held high within V
CC to VCC -0.2V.
2.
Output Enable (OE) should be held high to keep the RAM outputs high imped-
ance, minimizing power dissipation.
3.
During power-up and power-down transitions CS and OE must be kept between
V
CC + 0.3V and 70% of VCC.
4.
The RAM can begin operation > t
R ns after VCC reaches the minimum operation
voltages (3V).
Figure 2. Data Retention Timing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BS62LV4006_06 Very Low Power CMOS SRAM 512K X 8 bit 1  2  3  4  5  More Brilliance Semiconductor
BS616LV8016_06 Very Low Power CMOS SRAM 512K X 16 bit 1  2  3  4  5  More Brilliance Semiconductor
BS616LV8017_06 Very Low Power CMOS SRAM 512K X 16 bit 1  2  3  4  5  More Brilliance Semiconductor
BS62LV256_06 Very Low Power CMOS SRAM 32K X 8 bit 1  2  3  4  5  More Brilliance Semiconductor
BS62LV1027_06 Very Low Power CMOS SRAM 128K X 8 bit 1  2  3  4  5  More Brilliance Semiconductor
BS62LV1600_06 Very Low Power CMOS SRAM 2M X 8 bit 1  2  3  4  5  More Brilliance Semiconductor
AS6C4008 512K X 8 BIT LOW POWER CMOS SRAM 1  2  3  4  5  More Alliance Semiconductor Corporation
BS62LV2006_06 Very Low Power CMOS SRAM 256K X 8 bit 1  2  3  4  5  More Brilliance Semiconductor
BS62LV8001_06 Very Low Power CMOS SRAM 1M X 8 bit 1  2  3  4  5  More Brilliance Semiconductor
BS616LV1010_06 Very Low Power CMOS SRAM 64K X 16 bit 1  2  3  4  5  More Brilliance Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn