Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5935QRC Datasheet(PDF) 3 Page - Applied Micro Circuits Corporation

Part # S5935QRC
Description  PCI Product
Download  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5935QRC Datasheet(HTML) 3 Page - Applied Micro Circuits Corporation

  S5935QRC Datasheet HTML 1Page - Applied Micro Circuits Corporation S5935QRC Datasheet HTML 2Page - Applied Micro Circuits Corporation S5935QRC Datasheet HTML 3Page - Applied Micro Circuits Corporation S5935QRC Datasheet HTML 4Page - Applied Micro Circuits Corporation S5935QRC Datasheet HTML 5Page - Applied Micro Circuits Corporation S5935QRC Datasheet HTML 6Page - Applied Micro Circuits Corporation S5935QRC Datasheet HTML 7Page - Applied Micro Circuits Corporation S5935QRC Datasheet HTML 8Page - Applied Micro Circuits Corporation S5935QRC Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 204 page
background image
Part Number S5935
Revision 1.02 – June 27, 2006
AMCC Confidential and Proprietary
DS1527
3
S5935
PCI Product
Data Book
FEATURES
PCI 2.1 Compliant Master/Slave Device
Full 132 Mbytes/sec Transfer Rate
Supports new Intel 440BX/GX Chipsets
Supports new WinNT Service Pack 2 & 3
PCI Bus Operation DC to 33 MHz
8/16/32 Bit Add-On User Bus
Four Definable Pass-Thru Data Channels
Two 32 Byte Internal FIFOs w/DMA
Synchronous Add-On Bus Operation
Mail Box Registers w/Byte Level Status
Direct Mail Box Data Strobe/Interrupts
Direct PCI & Add-On Interrupt Pins
Optional Non-Volatile Memory Boot Loading
Optional Expansion BIOS/POST Code
APPLICATIONS
High Speed Networking
Digital Video Applications
I/O Communications Ports
High Speed Data Input/Output
Multimedia Communications
Memory Interfaces
High Speed Data Acquisition
Data Encryption/Decryption
Intel i960 Interface
General Purpose PCI Interfacing
Existent S5933 Design Upgrades
DESCRIPTION
The PCI Local bus concept was developed to break
the PC data I/O bottleneck and clearly opens the door
to increasing system speed and expansion capabili-
ties. The PCI Local bus moves high speed peripherals
from the I/O bus and places them closer to the sys-
tem’s processor bus, providing faster data transfers
between the processor and peripherals. The PCI Local
bus also addresses the industry’s need for a bus stan-
dard which is not directly dependent on the speed,
size and type of system processor. It represents the
first microprocessor independent bus offering perfor-
mance more than adequate for the most demanding
applications such as full-motion video.
Applied Micro Circuits Corporation (AMCC), the pre-
mier supplier of single chip solutions, has developed
the S5935 to solve the problem of interfacing applica-
tions to the PCI Local bus while offering support for
newer PCI chipsets and operating systems. The
S5935 is a powerful and flexible PCI controller sup-
porting several levels of interface sophistication. At the
lowest level, it can serve simply as a PCI bus Target
with modest transfer requirements. For high-perfor-
mance applications, the S5935 can become a Bus
Master to attain the PCI Local bus peak transfer capa-
bility of 132 MBytes/sec. The S5935 PCI controller
also maintains dropin compatibility for upgrading many
existent S5933 designs requiring migration into new
motherboard architectures, PCI BIOSs and software
operating systems.
Figure 1. S5935 Block Diagram
User
Application
Satellite
Receiver/
Modem
Proprietary
Backplane
Graphics/
MPEG/
Grabber
ISDN
FDDI
ATM
I/O Audio
Serial/Parallel nvRAM
Configuration Space
Expansion BIOS
AMCC
Add-On
Local Bus
Interface Logic
Mux/Demux
Buffers
S5935
Status Registers
Configuration
Registers
Mailboxes
FIFOs
Bus MasterTransfer
Count &Address
Registers
Pass-Thru Data &
Address Registers
2.1 PCI Local Bus
Interface Logic
Mux/Demux
Buffers
Read/Write
Control


Similar Part No. - S5935QRC

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S5935QF AMCC-S5935QF Datasheet
705Kb / 190P
   PCI 5V Bus Master/Target Device 32-bit
More results

Similar Description - S5935QRC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
   PCI AudioDrive Solution Product Brief
logo
ESS Technology,Inc
ES1990 ESS-ES1990 Datasheet
124Kb / 4P
   Canyon3Dä2LE PCI Audio Accelerator Product Brief
logo
List of Unclassifed Man...
ES1988 ETC-ES1988 Datasheet
54Kb / 6P
   PCI Audio-Modem Accelerator Product Brief
ES1946 ETC-ES1946 Datasheet
86Kb / 4P
   PCI AudioDrive Notebook Solution Product Brief
logo
Renesas Technology Corp
TSI381 RENESAS-TSI381 Datasheet
289Kb / 3P
   PCIe® to PCI Bridge Product Brief
August 14, 2009
TSI382 RENESAS-TSI382 Datasheet
395Kb / 3P
   PCIe® to PCI Bridge Product Brief
August 14, 2009
logo
Integrated Device Techn...
CA91L862A-50IL IDT-CA91L862A-50IL Datasheet
83Kb / 2P
   QSpan II??PowerQUICC-to-PCI Bridge Product Brief
logo
List of Unclassifed Man...
TSI384-133ILV ETC2-TSI384-133ILV Datasheet
77Kb / 2P
   Tsi384??PCIe짰 to PCI/X Bridge Product Brief
logo
Apacer Technology Inc.
B92.915KHA.00204 APACER-B92.915KHA.00204 Datasheet
1Mb / 24P
   PCI Express Flash Drive PV910-M280 Product Specifications
May 27, 2021
logo
Renesas Technology Corp
TSI384 RENESAS-TSI384 Datasheet
251Kb / 3P
   PCIe® to PCI/X Bridge Product Brief
August 13, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com